Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5319 Datasheet (PDF) - Toshiba Semiconductor

C5319 Datasheet PDF - Toshiba Semiconductor
Part # C5319
Download  C5319 Download
File Size   216.3 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)

C5319 Datasheet (PDF)

Go To PDF Page Download Datasheet
C5319 Datasheet PDF - Toshiba Semiconductor

Part # C5319
Download  C5319 Click to download

File Size   216.3 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)

C5319 Datasheet (HTML) - Toshiba Semiconductor


C5319 Product details

VHF~UHF Band Low Noise Amplifier Applications

• Low noise figure: NF = 1.3dB (f = 2 GHz)
• High gain: ⎪S21e⎪2 = 11.5dB (f = 2 GHz)




Similar Part No. - C5319

ManufacturerPart #DatasheetDescription
logo
Powerbox
C531 POWERBOX-C531 Datasheet
405Kb / 1P
250 WATTS (AC) DC/D CSINGLE OUTPUT
logo
Vectron International, ...
C5310 VECTRON-C5310 Datasheet
203Kb / 5P
VCXO Surface Mount Package Reflow Process Compatible AT-Cut Crystal
C5310 VECTRON-C5310 Datasheet
195Kb / 6P
VCXO
C5310-DUAL VECTRON-C5310-DUAL Datasheet
148Kb / 6P
Surface Mount Package
C5310 VECTRON-C5310_07 Datasheet
195Kb / 6P
VCXO
More results


Similar Description - C5319

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3605 TOSHIBA-2SC3605 Datasheet
294Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
24-Jul-1997
2SC3606 TOSHIBA-2SC3606 Datasheet
312Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC4842 TOSHIBA-2SC4842 Datasheet
352Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
09-May-1997
2SC5065 TOSHIBA-2SC5065 Datasheet
346Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC5066 TOSHIBA-2SC5066 Datasheet
345Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC5066FT TOSHIBA-2SC5066FT Datasheet
81Kb / 1P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
04-Aug-1998
2SC5085 TOSHIBA-2SC5085 Datasheet
349Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC5087 TOSHIBA-2SC5087 Datasheet
358Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC5090 TOSHIBA-2SC5090 Datasheet
344Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
28-Oct-1998
2SC5094 TOSHIBA-2SC5094 Datasheet
344Kb / 5P
NPN EPITAXIAL PLANAR TYPE (VHF~UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
28-Oct-1998
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com