Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSK5DL5MC1B Datasheet (PDF) - OptoSupply International

OSK5DL5MC1B Datasheet PDF - OptoSupply International
Part # OSK5DL5MC1B
Download  OSK5DL5MC1B Download
File Size   99.21 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Concave Pink LED

OSK5DL5MC1B Datasheet (PDF)

Go To PDF Page Download Datasheet
OSK5DL5MC1B Datasheet PDF - OptoSupply International

Part # OSK5DL5MC1B
Download  OSK5DL5MC1B Click to download

File Size   99.21 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Concave Pink LED

OSK5DL5MC1B Datasheet (HTML) - OptoSupply International




Similar Part No. - OSK5DL5MC1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DL5111A OPTOSUPPLY-OSK5DL5111A Datasheet
99Kb / 1P
5mm Round Pink LED
OSK5DL5111P OPTOSUPPLY-OSK5DL5111P Datasheet
84Kb / 1P
Delluxe Power 5mm Round Piink LED
OSK5DL5201A OPTOSUPPLY-OSK5DL5201A Datasheet
97Kb / 1P
5mm Bullet Pink LED
OSK5DL5471D OPTOSUPPLY-OSK5DL5471D Datasheet
98Kb / 1P
5.0x4.1mm Oval Pink LED
OSK5DL56A1A OPTOSUPPLY-OSK5DL56A1A Datasheet
101Kb / 1P
4.8mm Straw Pink LED
More results


Similar Description - OSK5DL5MC1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5DA5MC1B OPTOSUPPLY-OSK5DA5MC1B Datasheet
98Kb / 1P
5mm Concave Pink LED
OSO5SA5MC1B OPTOSUPPLY-OSO5SA5MC1B Datasheet
98Kb / 1P
5mm Concave Orange LED
OSV5HA5MC1B OPTOSUPPLY-OSV5HA5MC1B Datasheet
99Kb / 1P
5mm Concave Violet LED
OSY5SA5MC1B OPTOSUPPLY-OSY5SA5MC1B Datasheet
98Kb / 1P
5mm Concave Yellow LED
OSK5DK5MC1B OPTOSUPPLY-OSK5DK5MC1B Datasheet
137Kb / 1P
5mm Concave Pink LED
OSK5DK83C1A OPTOSUPPLY-OSK5DK83C1A Datasheet
107Kb / 1P
8mm Concave Pink LED
OSV5HL5MC1B OPTOSUPPLY-OSV5HL5MC1B Datasheet
153Kb / 1P
5mm Concave Violet LED
OSY5RU5MC1B OPTOSUPPLY-OSY5RU5MC1B Datasheet
136Kb / 1P
5mm Concave Yellow LED
OS5RPM5MC1B OPTOSUPPLY-OS5RPM5MC1B Datasheet
65Kb / 1P
5mm Concave Red LED
OS5YPM5MC1B OPTOSUPPLY-OS5YPM5MC1B Datasheet
65Kb / 1P
5mm Concave Yellow LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com