Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSK5XLA151R Datasheet (PDF) - OptoSupply International

OSK5XLA151R Datasheet PDF - OptoSupply International
Part # OSK5XLA151R
Download  OSK5XLA151R Download
File Size   100.19 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 10mm Pink LED

OSK5XLA151R Datasheet (PDF)

Go To PDF Page Download Datasheet
OSK5XLA151R Datasheet PDF - OptoSupply International

Part # OSK5XLA151R
Download  OSK5XLA151R Click to download

File Size   100.19 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 10mm Pink LED

OSK5XLA151R Datasheet (HTML) - OptoSupply International




Similar Part No. - OSK5XLA151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSK5XL5141R OPTOSUPPLY-OSK5XL5141R Datasheet
97Kb / 1P
Tpower 5mm Pink LED
OSK5XL56E1R OPTOSUPPLY-OSK5XL56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Pink LED
OSK5XL8A61R OPTOSUPPLY-OSK5XL8A61R Datasheet
99Kb / 1P
Tpower 8mm Pink LED
OSK5XLS3C1H OPTOSUPPLY-OSK5XLS3C1H Datasheet
99Kb / 1P
3.5x2.8x1.9mm Pink Power Top H SMD LED
OSK5XLZ161G OPTOSUPPLY-OSK5XLZ161G Datasheet
90Kb / 1P
Giiga Power Super Fllux Piink LED
More results


Similar Description - OSK5XLA151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSB5XLA151R OPTOSUPPLY-OSB5XLA151R Datasheet
100Kb / 1P
Tpower 10mm Blue LED
OSK5D3A151R OPTOSUPPLY-OSK5D3A151R Datasheet
95Kb / 1P
Tpower 10mm Pink LED
OSK5D38A61R OPTOSUPPLY-OSK5D38A61R Datasheet
97Kb / 1P
Tpower 8mm Pink LED
OSK5D356E1R OPTOSUPPLY-OSK5D356E1R Datasheet
96Kb / 1P
Tpower 4.8mm Straw Pink LED
OSK5D35141R OPTOSUPPLY-OSK5D35141R Datasheet
96Kb / 1P
Tpower 5mm Pink LED
OSK5XL8A61R OPTOSUPPLY-OSK5XL8A61R Datasheet
99Kb / 1P
Tpower 8mm Pink LED
OSK5XL56E1R OPTOSUPPLY-OSK5XL56E1R Datasheet
99Kb / 1P
Tpower 4.8mm Straw Pink LED
OSK5XL5141R OPTOSUPPLY-OSK5XL5141R Datasheet
97Kb / 1P
Tpower 5mm Pink LED
OSY5XAA151R OPTOSUPPLY-OSY5XAA151R Datasheet
100Kb / 1P
Tpower 10mm Yellow LED
OSK5735141R OPTOSUPPLY-OSK5735141R Datasheet
136Kb / 1P
Tpower 5mm Round Pink LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com