Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSM5DA3131A Datasheet (PDF) - OptoSupply International

OSM5DA3131A Datasheet PDF - OptoSupply International
Part # OSM5DA3131A
Download  OSM5DA3131A Download
File Size   99.43 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3mm Round Warm White LED

OSM5DA3131A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSM5DA3131A Datasheet PDF - OptoSupply International

Part # OSM5DA3131A
Download  OSM5DA3131A Click to download

File Size   99.43 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3mm Round Warm White LED

OSM5DA3131A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSM5DA3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DA4131A OPTOSUPPLY-OSM5DA4131A Datasheet
97Kb / 1P
4mm Round Warm White LED
OSM5DA43A1D OPTOSUPPLY-OSM5DA43A1D Datasheet
97Kb / 1P
3.9x3.1mm Oval Warm White LED
OSM5DA4571D OPTOSUPPLY-OSM5DA4571D Datasheet
99Kb / 1P
4.7x5.7mm Oval Warm White LED
OSM5DA5111A OPTOSUPPLY-OSM5DA5111A Datasheet
99Kb / 1P
5mm Round Warm White LED
OSM5DA5201A OPTOSUPPLY-OSM5DA5201A Datasheet
96Kb / 1P
5mm Bullet Warm White LED
More results


Similar Description - OSM5DA3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSM5DA4131A OPTOSUPPLY-OSM5DA4131A Datasheet
97Kb / 1P
4mm Round Warm White LED
OSM5DAA131A OPTOSUPPLY-OSM5DAA131A Datasheet
96Kb / 1P
10mm Round Warm White LED
OSM5DL3111P OPTOSUPPLY-OSM5DL3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Warm White LED
OSM5DL3131A OPTOSUPPLY-OSM5DL3131A Datasheet
99Kb / 1P
3mm Round Warm White LED
OSM5DL8131A OPTOSUPPLY-OSM5DL8131A Datasheet
96Kb / 1P
8mm Round Warm White LED
OSM5DK3131A OPTOSUPPLY-OSM5DK3131A Datasheet
105Kb / 1P
3mm Round Warm White LED
OSM5DKA131A OPTOSUPPLY-OSM5DKA131A Datasheet
137Kb / 1P
10mm Round Warm White LED
OSM5DK5111A-1MA OPTOSUPPLY-OSM5DK5111A-1MA Datasheet
108Kb / 1P
5mm Round Warm White LED
OS6MFL5A31A OPTOSUPPLY-OS6MFL5A31A Datasheet
107Kb / 1P
5mm Round Warm White LED
OSM5DK3Q51A-1MA OPTOSUPPLY-OSM5DK3Q51A-1MA Datasheet
109Kb / 1P
3mm Tower Warm White LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com