Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSO5GA5111P Datasheet (PDF) - OptoSupply International

OSO5GA5111P Datasheet PDF - OptoSupply International
Part # OSO5GA5111P
Download  OSO5GA5111P Download
File Size   88.63 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Deluxe Power 5mm Round Giga Power LED

OSO5GA5111P Datasheet (PDF)

Go To PDF Page Download Datasheet
OSO5GA5111P Datasheet PDF - OptoSupply International

Part # OSO5GA5111P
Download  OSO5GA5111P Click to download

File Size   88.63 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Deluxe Power 5mm Round Giga Power LED

OSO5GA5111P Datasheet (HTML) - OptoSupply International




Similar Part No. - OSO5GA5111P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5GA5111A OPTOSUPPLY-OSO5GA5111A Datasheet
98Kb / 1P
5mm Round Giga Orange LED
OSO5GA5111A OPTOSUPPLY-OSO5GA5111A Datasheet
105Kb / 1P
5mm Round Giga Orange LED
OSO5GA5111A OPTOSUPPLY-OSO5GA5111A_09 Datasheet
105Kb / 1P
5mm Round Giga Orange LED
More results


Similar Description - OSO5GA5111P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5DA5111P OPTOSUPPLY-OSG5DA5111P Datasheet
97Kb / 1P
Deluxe Power 5mm Round Pure Green LED
OSO5GA3111P OPTOSUPPLY-OSO5GA3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Giga Orange LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P Datasheet
117Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSY5CA5111P OPTOSUPPLY-OSY5CA5111P Datasheet
118Kb / 1P
Deluxe Power 5mm Round Commercial Yellow LED
OSB56L5111P OPTOSUPPLY-OSB56L5111P Datasheet
107Kb / 1P
Deluxe Power 5mm Round Blue LED
OSG58A5111P OPTOSUPPLY-OSG58A5111P Datasheet
107Kb / 1P
Deluxe Power 5mm Round Pure Green LED
OSK57L5111P OPTOSUPPLY-OSK57L5111P Datasheet
107Kb / 1P
Deluxe Power 5mm Round Pink LED
OS5YAA5111P OPTOSUPPLY-OS5YAA5111P_11 Datasheet
180Kb / 1P
Deluxe Power 5mm Round Super Yellow LED
OSB56L5111P OPTOSUPPLY-OSB56L5111P_11 Datasheet
176Kb / 1P
Deluxe Power 5mm Round Blue LED
OS5RKA5111P OPTOSUPPLY-OS5RKA5111P Datasheet
112Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com