Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSO5M3A151R Datasheet (PDF) - OptoSupply International

OSO5M3A151R Datasheet PDF - OptoSupply International
Part # OSO5M3A151R
Download  OSO5M3A151R Download
File Size   97.22 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 10mm Phoenix Orange LED

OSO5M3A151R Datasheet (PDF)

Go To PDF Page Download Datasheet
OSO5M3A151R Datasheet PDF - OptoSupply International

Part # OSO5M3A151R
Download  OSO5M3A151R Click to download

File Size   97.22 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Tpower 10mm Phoenix Orange LED

OSO5M3A151R Datasheet (HTML) - OptoSupply International




Similar Part No. - OSO5M3A151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5M3A131U OPTOSUPPLY-OSO5M3A131U Datasheet
101Kb / 1P
Premium Power 10mm Phoenix Orange LED
OSO5M3A131U OPTOSUPPLY-OSO5M3A131U Datasheet
138Kb / 1P
Premium Power 10mm Round Phoenix Orange
OSO5M3A131U OPTOSUPPLY-OSO5M3A131U_09 Datasheet
138Kb / 1P
Premium Power 10mm Round Phoenix Orange
More results


Similar Description - OSO5M3A151R

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5M3A131U OPTOSUPPLY-OSO5M3A131U Datasheet
101Kb / 1P
Premium Power 10mm Phoenix Orange LED
OSO5M38A61R OPTOSUPPLY-OSO5M38A61R Datasheet
98Kb / 1P
Tpower 8mm Phoenix Orange LED
OSO5M356E1R OPTOSUPPLY-OSO5M356E1R Datasheet
98Kb / 1P
Tpower 4.8mm Straw Phoenix Orange LED
OSO5M35141R OPTOSUPPLY-OSO5M35141R Datasheet
97Kb / 1P
Tpower 5mm Phoenix Orange LED
OSO5MAA131A OPTOSUPPLY-OSO5MAA131A Datasheet
97Kb / 1P
10mm Round Phoenix Orange LED
OSO5MAA201A OPTOSUPPLY-OSO5MAA201A Datasheet
97Kb / 1P
10mm Bullet Phoenix Orange LED
OSR5M3A151R OPTOSUPPLY-OSR5M3A151R Datasheet
97Kb / 1P
Tpower 10mm Phoenix Red LED
OSR5M35141R OPTOSUPPLY-OSR5M35141R Datasheet
97Kb / 1P
Tpower 5mm Phoenix Red LED
OSY5M3A151R OPTOSUPPLY-OSY5M3A151R Datasheet
97Kb / 1P
Tpower 10mm Phoenix Yellow LED
OSO5M35141R OPTOSUPPLY-OSO5M35141R_09 Datasheet
137Kb / 1P
Tpower 5mm Round Phoenix Orange
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com