Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSO5MA5MC1B Datasheet (PDF) - OptoSupply International

OSO5MA5MC1B Datasheet PDF - OptoSupply International
Part # OSO5MA5MC1B
Download  OSO5MA5MC1B Download
File Size   99.72 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Concave Phoenix Orange LED

OSO5MA5MC1B Datasheet (PDF)

Go To PDF Page Download Datasheet
OSO5MA5MC1B Datasheet PDF - OptoSupply International

Part # OSO5MA5MC1B
Download  OSO5MA5MC1B Click to download

File Size   99.72 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Concave Phoenix Orange LED

OSO5MA5MC1B Datasheet (HTML) - OptoSupply International




Similar Part No. - OSO5MA5MC1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5MA5111A OPTOSUPPLY-OSO5MA5111A Datasheet
100Kb / 1P
5mm Round Phoenix Orange LED
OSO5MA5111P OPTOSUPPLY-OSO5MA5111P Datasheet
112Kb / 1P
Deluxe Power 5mm Round Phoenix Orange LED
OSO5MA5201A OPTOSUPPLY-OSO5MA5201A Datasheet
97Kb / 1P
5mm Bullet Phoenix Orange LED
OSO5MA5471D OPTOSUPPLY-OSO5MA5471D Datasheet
102Kb / 1P
5.0x4.1mm Oval Phoenix Orange LED
OSO5MA56A1A OPTOSUPPLY-OSO5MA56A1A Datasheet
102Kb / 1P
4.8mm Straw Phoenix Orange LED
More results


Similar Description - OSO5MA5MC1B

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5GA5MC1B OPTOSUPPLY-OSO5GA5MC1B Datasheet
98Kb / 1P
5mm Concave Giga Orange LED
OSO5SA5MC1B OPTOSUPPLY-OSO5SA5MC1B Datasheet
98Kb / 1P
5mm Concave Orange LED
OSR5MA5MC1B OPTOSUPPLY-OSR5MA5MC1B Datasheet
100Kb / 1P
5mm Concave Phoenix Red LED
OSY5MA5MC1B OPTOSUPPLY-OSY5MA5MC1B Datasheet
100Kb / 1P
5mm Concave Phoenix Yellow LED
OSO5JA5MC1B OPTOSUPPLY-OSO5JA5MC1B Datasheet
136Kb / 1P
5mm Concave Orange LED
OSO5MA83C1A OPTOSUPPLY-OSO5MA83C1A Datasheet
108Kb / 1P
8mm Concave Phoenix Orange LED
OSO5GA5MC1B OPTOSUPPLY-OSO5GA5MC1B_09 Datasheet
136Kb / 1P
5mm Concave Giga Orange LED
OSR5MA5MC1B OPTOSUPPLY-OSR5MA5MC1B_09 Datasheet
140Kb / 1P
5mm Concave Phoenix Red LED
OSY5MA5MC1B OPTOSUPPLY-OSY5MA5MC1B_09 Datasheet
140Kb / 1P
5mm Concave Phoenix Yellow LED
OSO5PA5MC1B OPTOSUPPLY-OSO5PA5MC1B Datasheet
109Kb / 1P
5mm Concave Premium Orange LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com