Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSO5SA3131A Datasheet (PDF) - OptoSupply International

OSO5SA3131A Datasheet PDF - OptoSupply International
Part # OSO5SA3131A
Download  OSO5SA3131A Download
File Size   98.98 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3mm Round Orange LED

OSO5SA3131A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSO5SA3131A Datasheet PDF - OptoSupply International

Part # OSO5SA3131A
Download  OSO5SA3131A Click to download

File Size   98.98 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 3mm Round Orange LED

OSO5SA3131A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSO5SA3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5SA4131A OPTOSUPPLY-OSO5SA4131A Datasheet
98Kb / 1P
4mm Round Orange LED
OSO5SA43A1D OPTOSUPPLY-OSO5SA43A1D Datasheet
97Kb / 1P
3.9x3.1mm Oval Orange LED
OSO5SA4571D OPTOSUPPLY-OSO5SA4571D Datasheet
99Kb / 1P
4.7x5.7mm Oval Orange LED
OSO5SA5111A OPTOSUPPLY-OSO5SA5111A Datasheet
99Kb / 1P
5mm Round Orange LED
OSO5SA5201A OPTOSUPPLY-OSO5SA5201A Datasheet
96Kb / 1P
5mm Bullet Orange LED
More results


Similar Description - OSO5SA3131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSO5GA3111P OPTOSUPPLY-OSO5GA3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Giga Orange LED
OSO5GA3131A OPTOSUPPLY-OSO5GA3131A Datasheet
98Kb / 1P
3mm Round Giga Orange LED
OSO5MA3111P OPTOSUPPLY-OSO5MA3111P Datasheet
98Kb / 1P
Deluxe Power 3mm Round Phoenix Orange LED
OSO5MA3131A OPTOSUPPLY-OSO5MA3131A Datasheet
100Kb / 1P
3mm Round Phoenix Orange LED
OSO5JA3131A OPTOSUPPLY-OSO5JA3131A Datasheet
105Kb / 1P
3mm Round Orange LED
OSOOJ23131A OPTOSUPPLY-OSOOJ23131A Datasheet
109Kb / 1P
3mm Round Orange & Orange LED Long Lifetime Operation
OSO5GA3131A OPTOSUPPLY-OSO5GA3131A_09 Datasheet
104Kb / 1P
3mm Round Giga Orange LED
OSO5PA3131A OPTOSUPPLY-OSO5PA3131A Datasheet
110Kb / 1P
3mm Round Premium Orange LED
OSO5JA3Q51A-1MA OPTOSUPPLY-OSO5JA3Q51A-1MA Datasheet
109Kb / 1P
3mm Tower Orange LED
OS05JS3131A OPTOSUPPLY-OS05JS3131A Datasheet
171Kb / 1P
3mm Round Flashing Super Orange LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com