Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSR5CA3111P Datasheet (PDF) - OptoSupply International

OSR5CA3111P Datasheet PDF - OptoSupply International
Part # OSR5CA3111P
Download  OSR5CA3111P Download
File Size   99.72 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Deluxe Power 3mm Round Commercial Red LED

OSR5CA3111P Datasheet (PDF)

Go To PDF Page Download Datasheet
OSR5CA3111P Datasheet PDF - OptoSupply International

Part # OSR5CA3111P
Download  OSR5CA3111P Click to download

File Size   99.72 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description Deluxe Power 3mm Round Commercial Red LED

OSR5CA3111P Datasheet (HTML) - OptoSupply International




Similar Part No. - OSR5CA3111P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P Datasheet
117Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P Datasheet
180Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P_11 Datasheet
180Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5CA5C31P OPTOSUPPLY-OSR5CA5C31P Datasheet
109Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5CA5JB4D OPTOSUPPLY-OSR5CA5JB4D Datasheet
113Kb / 1P
5.2x3.8mm Oval Commercial Red LED
More results


Similar Description - OSR5CA3111P

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG3DA3111P OPTOSUPPLY-OSG3DA3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Bluish Green LED
OSK5DL3111P OPTOSUPPLY-OSK5DL3111P Datasheet
98Kb / 1P
Deluxe Power 3mm Round Pink LED
OSM5DL3111P OPTOSUPPLY-OSM5DL3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Warm White LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P Datasheet
117Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5MA3111P OPTOSUPPLY-OSR5MA3111P Datasheet
98Kb / 1P
Deluxe Power 3mm Round Phoenix Red LED
OSW5DL3111P OPTOSUPPLY-OSW5DL3111P Datasheet
97Kb / 1P
Deluxe Power 3mm Round Pure White LED
OSY5CA3111P OPTOSUPPLY-OSY5CA3111P Datasheet
99Kb / 1P
Deluxe Power 3mm Round Commercial Yellow LED
OSR5CA5C31P OPTOSUPPLY-OSR5CA5C31P Datasheet
109Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OSR5CA5111P OPTOSUPPLY-OSR5CA5111P_11 Datasheet
180Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
OS5RKA5111P OPTOSUPPLY-OS5RKA5111P Datasheet
112Kb / 1P
Deluxe Power 5mm Round Commercial Red LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com