Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5548 Datasheet (PDF) - Toshiba Semiconductor

2SC5548 Datasheet PDF - Toshiba Semiconductor
Part # 2SC5548
Download  2SC5548 Download
File Size   197.51 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)

2SC5548 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5548 Datasheet PDF - Toshiba Semiconductor

Part # 2SC5548
Download  2SC5548 Click to download

File Size   197.51 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)

2SC5548 Datasheet (HTML) - Toshiba Semiconductor


2SC5548 Product details

High Voltage Switching Applications

Switching Regulator Applications

DC-DC Converter Applications



• High speed switching: tr = 0.5 µs (max), tf = 0.3 µs (max) (IC = 0.8 A)

• High collector breakdown voltage: VCEO = 370 V

• High DC current gain: hFE = 60 (min) (IC = 0.2 A)




Similar Part No. - 2SC5548

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548 Datasheet
202Kb / 5P
High Voltage Switching Applications
2SC5548 TOSHIBA-2SC5548 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SC5548A TOSHIBA-2SC5548A Datasheet
196Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5548A TOSHIBA-2SC5548A Datasheet
196Kb / 5P
High Voltage Switching Applications
logo
Inchange Semiconductor ...
2SC5548A ISC-2SC5548A Datasheet
302Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SC5548

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3405 TOSHIBA-2SC3405 Datasheet
182Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC5075 TOSHIBA-2SC5075 Datasheet
203Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC5266A TOSHIBA-2SC5266A Datasheet
164Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5354 TOSHIBA-2SC5354 Datasheet
103Kb / 2P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS)
2SC5355 TOSHIBA-2SC5355 Datasheet
149Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5356 TOSHIBA-2SC5356 Datasheet
171Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5361 TOSHIBA-2SC5361 Datasheet
171Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5368 TOSHIBA-2SC5368 Datasheet
167Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5459 TOSHIBA-2SC5459 Datasheet
156Kb / 3P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
2SC5548A TOSHIBA-2SC5548A Datasheet
196Kb / 4P
NPN TRIPLE DIFFUSED TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com