Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELPD-20-1 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

ELPD-20-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # ELPD-20-1
Download  ELPD-20-1 Download
File Size   105.68 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description E-Series 2-Way 0o Power Divider 5 - 1000 MHz

ELPD-20-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ELPD-20-1 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # ELPD-20-1
Download  ELPD-20-1 Click to download

File Size   105.68 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description E-Series 2-Way 0o Power Divider 5 - 1000 MHz

ELPD-20-1 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.


ELPD-20-1 Product details

Description
M/A-COM’s ELPD-20-1 is a 2 Way 0o Power Divider in a low cost, surface mount package. Ideally suited for high volume CATV applications.

Features
• 2 Way
• 0 Degree
• Surface Mount
• 75 Ohm




Similar Part No. - ELPD-20-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
ELPD-20-1 MA-COM-ELPD-20-1 Datasheet
105Kb / 2P
E-Series 2-Way 0o Power Divider
More results


Similar Description - ELPD-20-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ESSM-2-2-75 MACOM-ESSM-2-2-75 Datasheet
29Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSM-2-8-75 MACOM-ESSM-2-8-75 Datasheet
175Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-10-75 MACOM-ESSMJ-2-10-75 Datasheet
37Kb / 1P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
ESSMJ-2-12-75 MACOM-ESSMJ-2-12-75 Datasheet
159Kb / 2P
E-Series 2-Way 0 Power Divider 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MACPES0007 MA-COM-MACPES0007 Datasheet
64Kb / 2P
E-Series 2-Way 0o Power Divider 5-1000 MHz
MACPES0026 MA-COM-MACPES0026 Datasheet
61Kb / 3P
E-Series 2-Way 0o Power Divider 5-1000 MHz
MAPD-008812-0003HW MA-COM-MAPD-008812-0003HW Datasheet
125Kb / 2P
E-Series 3-Way Power Divider 5-1000 MHz
MAPD-009278-5T1000 MA-COM-MAPD-009278-5T1000 Datasheet
126Kb / 2P
E-Series RF 2-Way Power Divider 5-1000 MHz
ELPD-20-1 MA-COM-ELPD-20-1 Datasheet
105Kb / 2P
E-Series 2-Way 0o Power Divider
MACPES0026 MA-COM-MACPES0026 Datasheet
61Kb / 3P
E-Series 2-Way 0o Power Divider
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com