Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSW5DL5201A Datasheet (PDF) - OptoSupply International

OSW5DL5201A Datasheet PDF - OptoSupply International
Part # OSW5DL5201A
Download  OSW5DL5201A Download
File Size   97.35 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Bullet Pure White LED

OSW5DL5201A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSW5DL5201A Datasheet PDF - OptoSupply International

Part # OSW5DL5201A
Download  OSW5DL5201A Click to download

File Size   97.35 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 5mm Bullet Pure White LED

OSW5DL5201A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSW5DL5201A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW5DL5111A OPTOSUPPLY-OSW5DL5111A Datasheet
99Kb / 1P
5mm Round Pure White LED
OSW5DL5111P OPTOSUPPLY-OSW5DL5111P Datasheet
84Kb / 1P
Delluxe Power 5mm Round Pure Whiitte LED
OSW5DL5471D OPTOSUPPLY-OSW5DL5471D Datasheet
98Kb / 1P
5.0x4.1mm Oval Pure White LED
OSW5DL56A1A OPTOSUPPLY-OSW5DL56A1A Datasheet
101Kb / 1P
4.8mm Straw Pure White LED
OSW5DL57E1A OPTOSUPPLY-OSW5DL57E1A Datasheet
98Kb / 1P
5mm Flat Pure White LED
More results


Similar Description - OSW5DL5201A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSG5DA5201A OPTOSUPPLY-OSG5DA5201A Datasheet
96Kb / 1P
5mm Bullet Pure Green LED
OSM5DA5201A OPTOSUPPLY-OSM5DA5201A Datasheet
96Kb / 1P
5mm Bullet Warm White LED
OSM5DL5201A OPTOSUPPLY-OSM5DL5201A Datasheet
97Kb / 1P
5mm Bullet Warm White LED
OSW5DA5201A OPTOSUPPLY-OSW5DA5201A Datasheet
97Kb / 1P
5mm Bullet Pure White LED
OSW5DAA201A OPTOSUPPLY-OSW5DAA201A Datasheet
96Kb / 1P
10mm Bullet Pure White LED
OSW5DLA201A OPTOSUPPLY-OSW5DLA201A Datasheet
96Kb / 1P
10mm Bullet Pure White LED
OSM5DK5201A OPTOSUPPLY-OSM5DK5201A Datasheet
137Kb / 1P
5mm Bullet Warm White LED
OSW5DK5201A OPTOSUPPLY-OSW5DK5201A Datasheet
137Kb / 1P
5mm Bullet Pure White LED
OSW5DKA201A OPTOSUPPLY-OSW5DKA201A Datasheet
137Kb / 1P
10mm Bullet Pure White LED
OSG5DA5201A OPTOSUPPLY-OSG5DA5201A_09 Datasheet
137Kb / 1P
5mm Bullet Pure Green LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com