Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BM-08658MD Datasheet (PDF) - BRIGHT LED ELECTRONICS CORP

BM-08658MD Datasheet PDF - BRIGHT LED ELECTRONICS CORP
Part # BM-08658MD
Download  BM-08658MD Download
File Size   354.65 Kbytes
Page   3 Pages
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP
Description 20.3mm (0.8) matrix height 5횞8 dot matrix display

BM-08658MD Datasheet (PDF)

Go To PDF Page Download Datasheet
BM-08658MD Datasheet PDF - BRIGHT LED ELECTRONICS CORP

Part # BM-08658MD
Download  BM-08658MD Click to download

File Size   354.65 Kbytes
Page   3 Pages
Manufacturer  BRIGHT [BRIGHT LED ELECTRONICS CORP]
Direct Link  http://www.brightled.co.kr
Logo BRIGHT - BRIGHT LED ELECTRONICS CORP
Description 20.3mm (0.8) matrix height 5횞8 dot matrix display

BM-08658MD Datasheet (HTML) - BRIGHT LED ELECTRONICS CORP




Similar Part No. - BM-08658MD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-08688MD BRIGHT-BM-08688MD Datasheet
334Kb / 3P
0.8 inch (20.20mm) matrix height Low power requirement.
More results


Similar Description - BM-08658MD

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BM-08288MD BRIGHT-BM-08288MD Datasheet
314Kb / 3P
20.20mm(0.8) matrix height 8횞8 dot matrix display
BM-10458ND BRIGHT-BM-10458ND Datasheet
501Kb / 3P
37.5mm(1.476) matrix height 5횞8 dot matrix display
BM-10658MD BRIGHT-BM-10658MD Datasheet
414Kb / 3P
37.5mm(1.476) matrix height 5횞8 dot matrix display
BM-20258MD BRIGHT-BM-20258MD Datasheet
199Kb / 3P
60.8mm(2.394) matrix height 5횞8 dot matrix display
BM-20658MA BRIGHT-BM-20658MA Datasheet
197Kb / 3P
60.8mm(2.394) matrix height 5횞8 dot matrix display
BM-20658NA BRIGHT-BM-20658NA Datasheet
195Kb / 3P
60.8mm(2.394) matrix height 5횞8 dot matrix display
BM-22458ND BRIGHT-BM-22458ND Datasheet
180Kb / 3P
47.50mm (1.87) matrix height 5횞8 dot matrix display
BM-30258MD BRIGHT-BM-30258MD Datasheet
332Kb / 3P
90.50mm (3.56) matrix height 5횞8 dot matrix display
BM-40258MD BRIGHT-BM-40258MD Datasheet
334Kb / 3P
121.5mm (4.78) matrix height 5횞8 dot matrix display
logo
BetLux Electronics
BL-M07C881 BETLUX-BL-M07C881 Datasheet
367Kb / 5P
20.20mm (0.8) :u1.9 dot matrix LED display
REV NO: V.2
More results




About BRIGHT LED ELECTRONICS CORP


Bright LED Electronics Corp is a Taiwan-based company that specializes in the design and manufacturing of LED lighting products. The company offers a wide range of LED lighting solutions for various applications, including commercial, residential, industrial, and outdoor lighting.

Bright LED Electronics Corp's product portfolio includes LED bulbs, LED tubes, LED downlights, LED panel lights, LED floodlights, LED high bay lights, LED streetlights, and more. These products are designed to be energy-efficient, durable, and eco-friendly.

The company was founded in 2000 and is headquartered in New Taipei City, Taiwan. Bright LED Electronics Corp has a global presence and has established partnerships with distributors, retailers, and OEM customers in various regions, including North America, Europe, Asia, and the Middle East.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com