Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE3025JD Datasheet (PDF) - Cirrus Logic

VRE3025JD Datasheet PDF - Cirrus Logic
Part # VRE3025JD
Download  VRE3025JD Download
File Size   232.48 Kbytes
Page   7 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE3025JD Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE3025JD Datasheet PDF - Cirrus Logic

Part # VRE3025JD
Download  VRE3025JD Click to download

File Size   232.48 Kbytes
Page   7 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Precision Voltage Reference

VRE3025JD Datasheet (HTML) - Cirrus Logic


VRE3025JD Product details

DESCRIPTION

The VRE3025 is a low cost, high precision +2.5 V reference that operates from +10 V. The device features a buried zener for low noise and excellent long term stability. Packaged in either an 8-pin DIP or SMT option, the device is ideal for high resolution data conversion systems.

The device provides ultrastable +2.5 V output with ±0.25 mV (.01%) initial accuracy and a temperature coefficient of 0.6 ppm/ºC. This improvement in accuracy is made possible by a unique, patented multipoint laser compensation technique. Significant improve ments have been made in other performance parameters as well, including initial accuracy, warm-up drift, line regulation, and long-term stability, making the VRE3025 series the most accurate reference available.



FEATURES

♦ +2.5 V Output, ± 0.25 mV (.01%)

♦ Temperature Drift: 0.6 ppm/ºc

♦ Low Noise: 1.5 μVP-P (0.1Hz-10Hz)

♦ Low Thermal Hysteresis: 1 ppm Typical

♦ ±15 mA Output Source and Sink Current

♦ Excellent Line Regulation: 5 ppm/V Typical

♦ Optional Noise Reduction and Voltage Trim

♦ Industry Standard Pinout: 8-pin DIP or Surface Mount Package



APPlICaTIONS

  The VRE3025 is recommended for use as a reference for 14, 16, or 18 bit data converters which require an external precision reference. The device is also ideal for calibrating scale factor on high resolution data converters. The VRE3025 offers superior performance over monolithic references.



 




Similar Part No. - VRE3025JD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3025J ETC1-VRE3025J Datasheet
199Kb / 8P
Low Cost Precision Reference
More results


Similar Description - VRE3025JD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM169 NSC-LM169 Datasheet
262Kb / 14P
Precision Voltage Reference
logo
Cirrus Logic
VRE104 CIRRUS-VRE104 Datasheet
643Kb / 5P
Precision Voltage Reference
VRE107 CIRRUS-VRE107 Datasheet
663Kb / 5P
Precision Voltage Reference
VRE304 CIRRUS-VRE304 Datasheet
541Kb / 4P
Precision Voltage Reference
VRE310 CIRRUS-VRE310 Datasheet
602Kb / 5P
Precision Voltage Reference
VRE205 CIRRUS-VRE205_10 Datasheet
641Kb / 4P
Precision Voltage Reference
logo
DATEL, Inc.
PVR-1515SM DATEL-PVR-1515SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-0540SM DATEL-PVR-0540SM Datasheet
91Kb / 1P
Precision Voltage Reference
PVR-1540SM DATEL-PVR-1540SM Datasheet
98Kb / 1P
Precision Voltage Reference
PVR-1533SM DATEL-PVR-1533SM Datasheet
98Kb / 1P
Precision Voltage Reference
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com