Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSY5SA8131A Datasheet (PDF) - OptoSupply International

OSY5SA8131A Datasheet PDF - OptoSupply International
Part # OSY5SA8131A
Download  OSY5SA8131A Download
File Size   96.25 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 8mm Round Yellow LED

OSY5SA8131A Datasheet (PDF)

Go To PDF Page Download Datasheet
OSY5SA8131A Datasheet PDF - OptoSupply International

Part # OSY5SA8131A
Download  OSY5SA8131A Click to download

File Size   96.25 Kbytes
Page   1 Pages
Manufacturer  OPTOSUPPLY [OptoSupply International]
Direct Link  http://www.optosupply.com
Logo OPTOSUPPLY - OptoSupply International
Description 8mm Round Yellow LED

OSY5SA8131A Datasheet (HTML) - OptoSupply International




Similar Part No. - OSY5SA8131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5SA3131A OPTOSUPPLY-OSY5SA3131A Datasheet
99Kb / 1P
3mm Round Yellow LED
OSY5SA4131A OPTOSUPPLY-OSY5SA4131A Datasheet
99Kb / 1P
4mm Round Yellow LED
OSY5SA43A1D OPTOSUPPLY-OSY5SA43A1D Datasheet
97Kb / 1P
3.9x3.1mm Oval Yellow LED
OSY5SA4571D OPTOSUPPLY-OSY5SA4571D Datasheet
99Kb / 1P
4.7x5.7mm Oval Yellow LED
OSY5SA5111A OPTOSUPPLY-OSY5SA5111A Datasheet
99Kb / 1P
5mm Round Yellow LED
More results


Similar Description - OSY5SA8131A

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSY5MA8131A OPTOSUPPLY-OSY5MA8131A Datasheet
97Kb / 1P
8mm Round Phoenix Yellow LED
OSY5PA8131A OPTOSUPPLY-OSY5PA8131A Datasheet
109Kb / 1P
8mm Round Premiium Yellow LED
OSY5XA8A61R OPTOSUPPLY-OSY5XA8A61R Datasheet
99Kb / 1P
Tpower 8mm Yellow LED
OSY5RU82E1A OPTOSUPPLY-OSY5RU82E1A Datasheet
136Kb / 1P
8mm Flat Yellow LED
OSY5RU83C1A OPTOSUPPLY-OSY5RU83C1A Datasheet
107Kb / 1P
8mm Concave Yellow LED
OSY5RU87A1A OPTOSUPPLY-OSY5RU87A1A Datasheet
137Kb / 1P
8mm Straw Yellow LED
OSY5RU8131A OPTOSUPPLY-OSY5RU8131A Datasheet
102Kb / 1P
8mm Round Yellow LED
OSY5MA8131A OPTOSUPPLY-OSY5MA8131A_09 Datasheet
103Kb / 1P
8mm Round Phoenix Yellow LED
OSY5PA8131A OPTOSUPPLY-OSY5PA8131A_09 Datasheet
100Kb / 1P
8mm Round Premium Yellow LED
OS5YPM87A1A OPTOSUPPLY-OS5YPM87A1A Datasheet
67Kb / 1P
8mm Straw Yellow LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com