Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4949 Datasheet (PDF) - Motorola, Inc

L4949 Datasheet PDF - Motorola, Inc
Part # L4949
Download  L4949 Download
File Size   196.62 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR

L4949 Datasheet (PDF)

Go To PDF Page Download Datasheet
L4949 Datasheet PDF - Motorola, Inc

Part # L4949
Download  L4949 Click to download

File Size   196.62 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR

L4949 Datasheet (HTML) - Motorola, Inc


L4949 Product details

Μultifunction Very Low Dropout Voltage Regulator



The L4949 is a monolithic integrated 5.0 V voltage regulator with a very low dropout and additional functions such as power–on reset and input voltage sense.

It is designed for supplying the micro–computer controlled systems especially in automotive applications.



• Operating DC Supply Voltage Range 5.0 V to 28 V

• Transient Supply Voltage Up to 40 V

• Extremely Low Quiescent Current in Standby Mode

• High Precision Standby Output Voltage 5.0 V ±1%

• Output Current Capability Up to 100 mA

• Very Low Dropout Voltage Less Than 0.4 V

• Reset Circuit Sensing The Output Voltage

• Programmable Reset Pulse Delay With External Capacitor

• Voltage Sense Comparator

• Thermal Shutdown and Short Circuit Protections



 




Similar Part No. - L4949

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
L4949 ONSEMI-L4949 Datasheet
116Kb / 10P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
L4949 ONSEMI-L4949 Datasheet
3Mb / 4P
AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
L4949D ONSEMI-L4949D Datasheet
191Kb / 8P
MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
L4949D ONSEMI-L4949D Datasheet
116Kb / 10P
100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
More results


Similar Description - L4949

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
logo
STMicroelectronics
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
Multifunction Very Low Dropout Voltage Regulator
logo
STMicroelectronics
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
ON Semiconductor
NCP706A ONSEMI-NCP706A_16 Datasheet
331Kb / 9P
Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 1
NCP706B ONSEMI-NCP706B_16 Datasheet
205Kb / 10P
Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 3
NCP706 ONSEMI-NCP706_17 Datasheet
621Kb / 16P
Precision Very Low Dropout Voltage Regulator
May, 2016 ??Rev. 8
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com