Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2204 Datasheet (PDF) - Toshiba Semiconductor

2SD2204 Datasheet PDF - Toshiba Semiconductor
Part # 2SD2204
Download  2SD2204 Download
File Size   204.95 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITHCING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)

2SD2204 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2204 Datasheet PDF - Toshiba Semiconductor

Part # 2SD2204
Download  2SD2204 Click to download

File Size   204.95 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITHCING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)

2SD2204 Datasheet (HTML) - Toshiba Semiconductor


2SD2204 Product details

High-Power Switching Applications
Hammer Drive, Pulse Motor Drive Applications

• High DC current gain: hFE = 2000 (min) (VCE = 3 V, IC = 1.5 A)
• Low saturation voltage: VCE (sat) = 1.5 V (max) (IC = 1.5 A)




Similar Part No. - 2SD2204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD2204 TOSHIBA-2SD2204 Datasheet
138Kb / 5P
Silicon NPN Triple Diffused Type
2SD2204 TOSHIBA-2SD2204_06 Datasheet
138Kb / 5P
Silicon NPN Triple Diffused Type
More results


Similar Description - 2SD2204

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SD1415A TOSHIBA-2SD1415A Datasheet
183Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD2079 TOSHIBA-2SD2079 Datasheet
205Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
03-Feb-1997
2SD2131 TOSHIBA-2SD2131 Datasheet
228Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
03-Feb-1997
2SD2257 TOSHIBA-2SD2257 Datasheet
161Kb / 3P
NPN EPITAXIAL TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
03-Feb-1997
2SD2526 TOSHIBA-2SD2526 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD2571 TOSHIBA-2SD2571 Datasheet
92Kb / 2P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
20-Aug-1998
2SD2584 TOSHIBA-2SD2584 Datasheet
183Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
30-Sep-1999
2SD633 TOSHIBA-2SD633 Datasheet
167Kb / 3P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD1224 TOSHIBA-2SD1224_06 Datasheet
155Kb / 5P
Pulse Motor Drive, Hammer Drive Applications
21-Nov-2006
2SD1508 TOSHIBA-2SD1508_09 Datasheet
167Kb / 5P
Pulse Motor Drive, Hammer Drive Applications
21-Dec-2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com