Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2498 Datasheet (PDF) - Toshiba Semiconductor

2SD2498 Datasheet PDF - Toshiba Semiconductor
Part # 2SD2498
Download  2SD2498 Download
File Size   200.79 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)

2SD2498 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD2498 Datasheet PDF - Toshiba Semiconductor

Part # 2SD2498
Download  2SD2498 Click to download

File Size   200.79 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)

2SD2498 Datasheet (HTML) - Toshiba Semiconductor


2SD2498 Product details

HORIZONTAL DEFLECTION OUTPUT FOR HIGH 

RESOLUTION DISPLAY, COLOR TV

HIGH SPEED SWITCHING APPLICATIONS



High Voltage  : VCBO= 1500 V

Low Saturation Voltage  : VCE (sat) = 5 V (Max.)

High Speed  : tf = 0.4 µs (Typ.)

Collector Metal (Fin) is Fully Covered with Mold Resin



HORIZONTAL DEFLECTION OUTPUT FOR HIGH

RESOLUTION DISPLAY, COLOR TV

HIGH SPEED SWITCHING APPLICATIONS



* High Voltage  : VCBO= 1500 V

* Low Saturation Voltage  : VCE (sat) = 5 V (Max.)

* High Speed  : tf = 0.4 µs (Typ.)

* Collector Metal (Fin) is Fully Covered with Mold Resin.






Similar Part No. - 2SD2498

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD2498 WINGS-2SD2498 Datasheet
97Kb / 1P
Silicon Diffused Power Transistor(GENERAL DESCRIPTION)
logo
Toshiba Semiconductor
2SD2498 TOSHIBA-2SD2498 Datasheet
288Kb / 5P
HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV RESOLUTION DISPLAY, COLOR TV
logo
Savantic, Inc.
2SD2498 SAVANTIC-2SD2498 Datasheet
285Kb / 4P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD2498 ISC-2SD2498 Datasheet
170Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD2498 SAVANTIC-2SD2498 Datasheet
286Kb / 4P
Silicon NPN Power Transistors
More results


Similar Description - 2SD2498

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5129 TOSHIBA-2SC5129 Datasheet
210Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5142 TOSHIBA-2SC5142 Datasheet
204Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5143 TOSHIBA-2SC5143 Datasheet
191Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5149 TOSHIBA-2SC5149 Datasheet
193Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5150 TOSHIBA-2SC5150 Datasheet
210Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR GIHG RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5331 TOSHIBA-2SC5331 Datasheet
185Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV HIGH SPEED SWITCHING APPLICATIONS)
2SC5332 TOSHIBA-2SC5332 Datasheet
177Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5411 TOSHIBA-2SC5411 Datasheet
229Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SC5421 TOSHIBA-2SC5421 Datasheet
221Kb / 5P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
2SD2553 TOSHIBA-2SD2553 Datasheet
222Kb / 4P
NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR HIGH RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com