Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ402 Datasheet (PDF) - Toshiba Semiconductor

2SJ402 Datasheet PDF - Toshiba Semiconductor
Part # 2SJ402
Download  2SJ402 Download
File Size   284.73 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)

2SJ402 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SJ402 Datasheet PDF - Toshiba Semiconductor

Part # 2SJ402
Download  2SJ402 Click to download

File Size   284.73 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)

2SJ402 Datasheet (HTML) - Toshiba Semiconductor


2SJ402 Product details

DC−DC Converter, Relay Drive and Motor Drive Applications

• 4-V gate drive
• Low drain−source ON resistance : RDS (ON) = 29 mΩ (typ.)
• High forward transfer admittance : |Yfs| = 23 S (typ.)
• Low leakage current : IDSS = −100 μA (max) (VDS = −60 V)
• Enhancement mode : Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)




Similar Part No. - 2SJ402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ402 TOSHIBA-2SJ402 Datasheet
712Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ402 TOSHIBA-2SJ402 Datasheet
443Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ402 TOSHIBA-2SJ402 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
2SJ402 TOSHIBA-2SJ402_07 Datasheet
712Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
2SJ402 TOSHIBA-2SJ402_09 Datasheet
443Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
More results


Similar Description - 2SJ402

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ304 TOSHIBA-2SJ304 Datasheet
280Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ312 TOSHIBA-2SJ312 Datasheet
291Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ334 TOSHIBA-2SJ334 Datasheet
308Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ349 TOSHIBA-2SJ349 Datasheet
289Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ378 TOSHIBA-2SJ378 Datasheet
283Kb / 5P
P CHANNEL MOS TYPE (HIGH CURRENT SWITCHING, RELAY DRIVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ380 TOSHIBA-2SJ380 Datasheet
282Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, RELAY DRIVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SJ401 TOSHIBA-2SJ401 Datasheet
286Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ412 TOSHIBA-2SJ412 Datasheet
291Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ438 TOSHIBA-2SJ438 Datasheet
281Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SJ439 TOSHIBA-2SJ439 Datasheet
257Kb / 5P
P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com