Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

42WECAK Datasheet (PDF) - American Accurate Components, Inc.

42WECAK Datasheet PDF - American Accurate Components, Inc.
Part # 42WECAK
Download  42WECAK Download
File Size   179.17 Kbytes
Page   5 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Waveguide to Coaxial Adapter

42WECAK Datasheet (PDF)

Go To PDF Page Download Datasheet
42WECAK Datasheet PDF - American Accurate Components, Inc.

Part # 42WECAK
Download  42WECAK Click to download

File Size   179.17 Kbytes
Page   5 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Waveguide to Coaxial Adapter

42WECAK Datasheet (HTML) - American Accurate Components, Inc.




Similar Part No. - 42WECAK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
42WL55A TOSHIBA-42WL55A Datasheet
7Mb / 10P
LCD Color Television
2005
42WL55E TOSHIBA-42WL55E Datasheet
7Mb / 10P
LCD Color Television
2005
42WL55R TOSHIBA-42WL55R Datasheet
7Mb / 10P
LCD Color Television
2005
42WL55T TOSHIBA-42WL55T Datasheet
7Mb / 10P
LCD Color Television
2005
42WL58P TOSHIBA-42WL58P Datasheet
5Mb / 43P
LCD Color Television
2005
More results


Similar Description - 42WECAK

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
NF-NF50+ MINI-NF-NF50+ Datasheet
119Kb / 1P
Coaxial Adapter, N-FEM to N-FEM
NM-SM50+ MINI-NM-SM50+ Datasheet
135Kb / 1P
Coaxial Adapter, N-MALE to SMA-M
SF-SF50+ MINI-SF-SF50+ Datasheet
132Kb / 1P
Coaxial Adapter, SMA-F to SMA-F
SM-BF50+ MINI-SM-BF50+ Datasheet
102Kb / 1P
Coaxial Adapter, SMA-M to BNC-F
logo
Advanced Technical Mate...
750-251-XX ATM-750-251-XX Datasheet
85Kb / 1P
OUTLINE, WRD750 SMA - WAVEGUIDE ADAPTER
580-251-XX ATM-580-251-XX Datasheet
82Kb / 1P
OUTLINE, WRD580 SMA - WAVEGUIDE ADAPTER
logo
Glenair, Inc.
M24758-11-16-01 GLENAIR-M24758-11-16-01 Datasheet
78Kb / 2P
Adapter for Coaxial Connectors
logo
Pasternack Enterprises,...
PE9865 PASTERNACK-PE9865 Datasheet
109Kb / 1P
WAVEGUIDE END LAUNCH TO COAX ADAPTER,SMA FEMALE
logo
Winchester Electronics ...
TRU-11222 WINCHESTER-TRU-11222 Datasheet
70Kb / 1P
CONNECTOR,COAXIAL 2.92MM(F) TO 2.92MM(F) ADAPTER
TRU-11224 WINCHESTER-TRU-11224 Datasheet
32Kb / 1P
CONNECTOR, COAXIAL 2.92mm(f) to 2.4mm(f) ADAPTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com