Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IA8012N1820 Datasheet (PDF) - American Accurate Components, Inc.

IA8012N1820 Datasheet PDF - American Accurate Components, Inc.
Part # IA8012N1820
Download  IA8012N1820 Download
File Size   90.33 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Broadband Isolating Amplifiers 0.5 to 18GHz

IA8012N1820 Datasheet (PDF)

Go To PDF Page Download Datasheet
IA8012N1820 Datasheet PDF - American Accurate Components, Inc.

Part # IA8012N1820
Download  IA8012N1820 Click to download

File Size   90.33 Kbytes
Page   1 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Broadband Isolating Amplifiers 0.5 to 18GHz

IA8012N1820 Datasheet (HTML) - American Accurate Components, Inc.




Similar Part No. - IA8012N1820

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
IA80186 AMD-IA80186 Datasheet
3Mb / 56P
High Integration 16-Bit Microprocessor iAPX86 Family
IA80186-10 AMD-IA80186-10 Datasheet
3Mb / 56P
High Integration 16-Bit Microprocessor iAPX86 Family
IA80186-10B AMD-IA80186-10B Datasheet
3Mb / 56P
High Integration 16-Bit Microprocessor iAPX86 Family
IA80186B AMD-IA80186B Datasheet
3Mb / 56P
High Integration 16-Bit Microprocessor iAPX86 Family
IA80188-10B AMD-IA80188-10B Datasheet
3Mb / 51P
High Integration 8-Bit Microprocessor
More results


Similar Description - IA8012N1820

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
Broadband Medium Power Amplifiers 1 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
MA0520N2510A AAC-MA0520N2510A Datasheet
157Kb / 3P
Broadband Limiting Amplifiers 0.5 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
Broadband Voltage Controlled Oscillators 4 to 18GHz
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
Broadband Voltage Controlled Oscillators 2 to 18GHz
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612 Datasheet
2Mb / 10P
40MHz to 4GHz Linear Broadband Amplifiers
Rev 0; 5/12
logo
Transcom, Inc.
TPD02-0.5G18S TRANSCOM-TPD02-0.5G18S Datasheet
78Kb / 1P
0.5-18GHz 2-Way Power Divider
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612_V01 Datasheet
635Kb / 11P
40MHz to 4GHz Linear Broadband Amplifiers
2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com