Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK1489 Datasheet (PDF) - Toshiba Semiconductor

2SK1489 Datasheet PDF - Toshiba Semiconductor
Part # 2SK1489
Download  2SK1489 Download
File Size   255.89 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (CHOPPER REGULATOR, HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)

2SK1489 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK1489 Datasheet PDF - Toshiba Semiconductor

Part # 2SK1489
Download  2SK1489 Click to download

File Size   255.89 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (CHOPPER REGULATOR, HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)

2SK1489 Datasheet (HTML) - Toshiba Semiconductor


2SK1489 Product details

Chopper Regulator Applications



Low drain−source ON resistance : RDS (ON) = 0.8 Ω (typ.)

High forward transfer admittance : |Yfs| = 6.0 S (typ.)

Low leakage current : IDSS = 300 μA (max) (VDS = 800 V)

Enhancement mode : Vth = 1.5 to 3.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK1489

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1489 TOSHIBA-2SK1489 Datasheet
725Kb / 6P
N CHANNEL MOS TYPE (CHOPPER REGULATOR, HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
09-Nov-2006
2SK1489 TOSHIBA-2SK1489 Datasheet
393Kb / 6P
Chopper Regulator Applications
2SK1489 TOSHIBA-2SK1489 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
01-Jun-2010
logo
Inchange Semiconductor ...
2SK1489 ISC-2SK1489 Datasheet
301Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1489 TOSHIBA-2SK1489_06 Datasheet
725Kb / 6P
N CHANNEL MOS TYPE (CHOPPER REGULATOR, HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
09-Nov-2006
More results


Similar Description - 2SK1489

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2311 TOSHIBA-2SK2311 Datasheet
292Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
2SK2493 TOSHIBA-2SK2493 Datasheet
260Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, AND DC-DC CONVERTER APPLICATIONS)
12-Nov-1998
2SK2835 TOSHIBA-2SK2835 Datasheet
279Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2836 TOSHIBA-2SK2836 Datasheet
288Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2884 TOSHIBA-2SK2884 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND APPLICATIONS)
2SK2952 TOSHIBA-2SK2952 Datasheet
291Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR APPLICATIONS)
12-Nov-1998
2SK2996 TOSHIBA-2SK2996 Datasheet
190Kb / 5P
SILICON N CHANNEL MOS TYPE(HIGH SPEED, HIGH VOLTAGE SWITCHING APPLICATIONS CHOPPER REGULATOR)
2SK1489 TOSHIBA-2SK1489_06 Datasheet
725Kb / 6P
N CHANNEL MOS TYPE (CHOPPER REGULATOR, HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
09-Nov-2006
2SK2311 TOSHIBA-2SK2311_06 Datasheet
771Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
17-Nov-2006
2SK2266 TOSHIBA-2SK2266_00 Datasheet
284Kb / 5P
HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com