Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK170 Datasheet (PDF) - Toshiba Semiconductor

2SK170 Datasheet PDF - Toshiba Semiconductor
Part # 2SK170
Download  2SK170 Download
File Size   218.88 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FET, Silicon N Channel Junction Type(for Low Noise Audio Amplifier)

2SK170 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK170 Datasheet PDF - Toshiba Semiconductor

Part # 2SK170
Download  2SK170 Click to download

File Size   218.88 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description FET, Silicon N Channel Junction Type(for Low Noise Audio Amplifier)

2SK170 Datasheet (HTML) - Toshiba Semiconductor


2SK170 Product details

Low Noise Audio Amplifier Applications

• Recommended for first stages of EQ and M.C. head amplifiers.
• High |Yfs|: |Yfs| = 22 mS (typ.) (VDS = 10 V, VGS = 0, IDSS = 3 mA)
• High breakdown voltage: VGDS = −40 V
• Low noise: En = 0.95 nV/Hz1/2 (typ.) (VDS = 10 V, ID = 1 mA, f = 1 kHz)
• High input impedance: IGSS = −1 nA (max) (VGS = −30 V)




Similar Part No. - 2SK170

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK170 TOSHIBA-2SK170 Datasheet
644Kb / 5P
Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK170 TOSHIBA-2SK170 Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SK170 TOSHIBA-2SK170 Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SK170 TOSHIBA-2SK170 Datasheet
345Kb / 5P
Low Noise Audio Amplifier Applications
2SK170-BL TOSHIBA-2SK170-BL Datasheet
345Kb / 5P
Low Noise Audio Amplifier Applications
More results


Similar Description - 2SK170

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3320 TOSHIBA-2SK3320 Datasheet
193Kb / 4P
N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK370 TOSHIBA-2SK370 Datasheet
221Kb / 4P
N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK371 TOSHIBA-2SK371 Datasheet
244Kb / 4P
N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK369 TOSHIBA-2SK369_07 Datasheet
754Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK370 TOSHIBA-2SK370_07 Datasheet
654Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK371 TOSHIBA-2SK371_07 Datasheet
757Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK117 TOSHIBA-2SK117_07 Datasheet
579Kb / 4P
Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK170 TOSHIBA-2SK170_07 Datasheet
644Kb / 5P
Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK184 TOSHIBA-2SK184_07 Datasheet
580Kb / 4P
Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
2SK3320 TOSHIBA-2SK3320_07 Datasheet
589Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com