Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK211 Datasheet (PDF) - Toshiba Semiconductor

2SK211 Datasheet PDF - Toshiba Semiconductor
Part # 2SK211
Download  2SK211 Download
File Size   221.35 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)

2SK211 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK211 Datasheet PDF - Toshiba Semiconductor

Part # 2SK211
Download  2SK211 Click to download

File Size   221.35 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)

2SK211 Datasheet (HTML) - Toshiba Semiconductor


2SK211 Product details

FM Tuner Applications
VHF Band Amplifier Applications

• Low noise figure: NF = 2.5dB (typ.) (f = 100 MHz)
• High forward transfer admitance: |Yfs| = 9 mS (typ.)
• Extremely low reverse transfer capacitance: Crss = 0.1 pF (typ.)




Similar Part No. - 2SK211

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK211 TOSHIBA-2SK211 Datasheet
714Kb / 6P
Silicon N Channel Junction Type FM Tuner Applications
logo
NEC
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SK2110 KEXIN-2SK2110 Datasheet
46Kb / 1P
MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK2110 RENESAS-2SK2110 Datasheet
302Kb / 7P
MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK2110-HF KEXIN-2SK2110-HF Datasheet
1Mb / 3P
N-Channel MOSFET
More results


Similar Description - 2SK211

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK161 TOSHIBA-2SK161 Datasheet
240Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK192A TOSHIBA-2SK192A Datasheet
234Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK210 TOSHIBA-2SK210 Datasheet
219Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK881 TOSHIBA-2SK881 Datasheet
199Kb / 4P
N CHANNEL JUNCTION TYPE (FM TUNER APPLICATIONS VHF BAND AMPLIFIER APPLICATIONS)
logo
Samsung semiconductor
KSK161 SAMSUNG-KSK161 Datasheet
134Kb / 4P
N-CHANNEL JUNCTION FET (FM TUNER VHF AMPLIFIER)
logo
Sanyo Semicon Device
2SK3856 SANYO-2SK3856 Datasheet
38Kb / 3P
FM Tuner, VHF-Band Amplifier Applications
2SK3720 SANYO-2SK3720 Datasheet
38Kb / 4P
FM Tuner, VHF-Band Amplifier Applications
2SK3720-5-TB-E SANYO-2SK3720-5-TB-E Datasheet
33Kb / 4P
FM Tuner, VHF-Band Amplifier Applications
logo
Toshiba Semiconductor
2SK210-BL TOSHIBA-2SK210-BL Datasheet
329Kb / 6P
FM Tuner Applications VHF Band Amplifier Applications
2SK210-GR TOSHIBA-2SK210-GR Datasheet
329Kb / 6P
FM Tuner Applications VHF Band Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com