Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73871-1AAI/ML Datasheet (PDF) - Microchip Technology

MCP73871-1AAI/ML Datasheet PDF - Microchip Technology
Part # MCP73871-1AAI/ML
Download  MCP73871-1AAI/ML Download
File Size   670.59 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller

MCP73871-1AAI/ML Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP73871-1AAI/ML Datasheet PDF - Microchip Technology

Part # MCP73871-1AAI/ML
Download  MCP73871-1AAI/ML Click to download

File Size   670.59 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Stand-Alone System Load Sharing and Li-Ion / Li-Polymer Battery Charge Management Controller

MCP73871-1AAI/ML Datasheet (HTML) - Microchip Technology


MCP73871-1AAI/ML Product details

Description
The MCP73871 device is a fully integrated linear solution for system load sharing and Li-Ion / Li-Polymer battery charge management with ac-dc wall adapter and USB port power sources selection. It’s also capable of autonomous power source selection between input or battery. Along with its small physical size, the low number of required external components makes the device ideally suited for portable applications.
The MCP73871 device automatically obtains power for the system load from a single-cell Li-Ion battery or an input power source (ac-dc wall adapter or USB port). The MCP73871 device specifically adheres to the current drawn limits governed by the USB specification. With an ac-dc wall adapter providing power to the system, an external resistor sets the magnitude of 1A maximum charge current while supports up to 1.8A total current for system load and battery charge current.

Features
• Integrated System Load Sharing and Battery Charge Management
   - Simultaneously Power the System and Charge the Li-Ion Battery
   - Voltage Proportional Current Control (VPCC) ensures system load has priority over Li-Ion battery charge current
   - Low-Loss Power-Path Management with Ideal Diode Operation
• Complete Linear Charge Management Controller
   - Integrated Pass Transistors
   - Integrated Current Sense
   - Integrated Reverse Discharge Protection
   - Selectable Input Power Sources: USB Port or AC-DC Wall Adapter
• Preset High Accuracy Charge Voltage Options:
   - 4.10V, 4.20V, 4.35V or 4.40V
   - ±0.5% Regulation Tolerance
• Constant Current / Constant Voltage (CC/CV) Operation with Thermal Regulation
• Maximum 1.8A Total Input Current Control
• Resistor Programmable Fast Charge Current Control: 50 mA to 1A
• Resistor Programmable Termination Set Point
• Selectable USB Input Current Control
   - Absolute Maximum: 100 mA (L) / 500 mA (H)
• Automatic Recharge
• Automatic End-of-Charge Control
• Safety Timer With Timer Enable/Disable Control
• 0.1C Preconditioning for Deeply Depleted Cells
• Battery Cell Temperature Monitor
• Undervoltage Lockout (UVLO)
• Low Battery Status Indicator (LBO)
• Power-Good Status Indicator (PG)
• Charge Status and Fault Condition Indicators
• Numerous Selectable Options Available for a Variety of Applications:
   - Refer to Section 1.0 “Electrical Characteristics” for Selectable Options”
   - Refer to the “Product Identification System” for Standard Options
• Temperature Range: -40°C to +85°C
• Packaging: 20-Lead QFN (4 mm x 4 mm)

Applications
• GPSs / Navigators
• PDAs and Smart Phones
• Portable Media Players and MP3 Players
• Digital Cameras
• Bluetooth Headsets
• Portable Medical Devices
• Charge Cradles / Docking Stations
• Toys




Similar Part No. - MCP73871-1AAI/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73871-1AAI/ML MICROCHIP-MCP73871-1AAI/ML Datasheet
1Mb / 40P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73871-1AAI/ML MICROCHIP-MCP73871-1AAI/ML Datasheet
1,009Kb / 36P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
More results


Similar Description - MCP73871-1AAI/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP73833 MICROCHIP-MCP73833 Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2006
MCP73837 MICROCHIP-MCP73837 Datasheet
842Kb / 30P
Advanced Stand-Alone Li-Ion / Li-Polymer Battery Charge Management Controller with Autonomous AC-Adapter or USB-Port Source Selection
2007
MCP73833 MICROCHIP-MCP73833_09 Datasheet
1Mb / 32P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
2009
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
Two-Cell Li-Ion and Li-Polymer Charge Management IC
logo
Texas Instruments
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
logo
Microchip Technology
MCP73833T-AMI MICROCHIP-MCP73833T-AMI Datasheet
1Mb / 26P
Stand-Alone Linear Li-Ion / Li-Polymer Charge Management Controller
08/29/06
MCP73871 MICROCHIP-MCP73871_13 Datasheet
1Mb / 40P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
08/20/13
MCP73837 MICROCHIP-MCP73837_15 Datasheet
1Mb / 36P
Advanced Stand-Alone Li-Ion/Li-Polymer Battery Charge Management Controller with Autonomous AC Adapter or USB Port Source Selection
07/14/15
MCP73871 MICROCHIP-MCP73871_V01 Datasheet
1,009Kb / 36P
Stand-Alone System Load Sharing and Li-Ion/Li-Polymer Battery Charge Management Controller
Revision F February 2022
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com