Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23A256-E/P Datasheet (PDF) - Microchip Technology

23A256-E/P Datasheet PDF - Microchip Technology
Part # 23A256-E/P
Download  23A256-E/P Download
File Size   368.54 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K SPI Bus Low-Power Serial SRAM

23A256-E/P Datasheet (PDF)

Go To PDF Page Download Datasheet
23A256-E/P Datasheet PDF - Microchip Technology

Part # 23A256-E/P
Download  23A256-E/P Click to download

File Size   368.54 Kbytes
Page   26 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 256K SPI Bus Low-Power Serial SRAM

23A256-E/P Datasheet (HTML) - Microchip Technology


23A256-E/P Product details

Description:

The Microchip Technology Inc. 23X256 are 256 Kbit Serial SRAM devices. The memory is accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data out (SO) lines.



Features:

• Max. Clock 20 MHz

• Low-Power CMOS Technology:

- Read Current: 3 mA at 1 MHz

- Standby Current: 4 A Max. at +85°C

• 32,768 x 8-bit Organization

• 32-Byte Page

• Sequential Read/Write

• High Reliability

• Temperature Ranges Supported:

- Industrial (I): -40°C to +85°C

- Automotive (E): -40°C to +125°C




Similar Part No. - 23A256-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
23A256-E/P MICROCHIP-23A256-E/P Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
23A256-E/P MICROCHIP-23A256-E/P Datasheet
609Kb / 28P
256K SPI Bus Low-Power Serial SRAM
08/02/11
More results


Similar Description - 23A256-E/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA256 MICROCHIP-25AA256_07 Datasheet
598Kb / 26P
256K SPI Bus Serial EEPROM
2007
23A640 MICROCHIP-23A640 Datasheet
368Kb / 26P
64K SPI Bus Low-Power Serial SRAM
2009
23A256 MICROCHIP-23A256_10 Datasheet
563Kb / 28P
256K SPI Bus Low-Power Serial SRAM
2010
23A640 MICROCHIP-23A640_10 Datasheet
563Kb / 28P
64K SPI Bus Low-Power Serial SRAM
2010
25LC256-I MICROCHIP-25LC256-I Datasheet
837Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25AA256-I MICROCHIP-25AA256-I Datasheet
509Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256-I MICROCHIP-25LC256-I Datasheet
509Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
25LC256-E MICROCHIP-25LC256-E Datasheet
600Kb / 26P
256K SPI Bus Serial EEPROM
12/08/06
23A640 MICROCHIP-23A640_11 Datasheet
608Kb / 28P
64K SPI Bus Low-Power Serial SRAM
08/02/11
23A256 MICROCHIP-23A256_11 Datasheet
609Kb / 28P
256K SPI Bus Low-Power Serial SRAM
08/02/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com