Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24AA02E48 Datasheet (PDF) - Microchip Technology

24AA02E48 Datasheet PDF - Microchip Technology
Part # 24AA02E48
Download  24AA02E48 Download
File Size   274.91 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K I2C??Serial EEPROM with EUI-48??Node Identity

24AA02E48 Datasheet (PDF)

Go To PDF Page Download Datasheet
24AA02E48 Datasheet PDF - Microchip Technology

Part # 24AA02E48
Download  24AA02E48 Click to download

File Size   274.91 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 2K I2C??Serial EEPROM with EUI-48??Node Identity

24AA02E48 Datasheet (HTML) - Microchip Technology


24AA02E48 Product details

Description
The Microchip Technology Inc. 24AA02E48/24AA025E48/24AA02E64/24AA025E64 (24AA02XEXX) is a 2 Kbit Electrically Erasable PROM. The device is organized as two blocks of 128 x 8-bit memory with a 2-wire serial interface. Low-voltage design permits operation down to 1.7V, with maximum standby currents of only 1 µA for I-Temp. and 5 µA for E-Temp., as well as a maximum active current of 1 mA. The 24AA02XEXX also has a page write capability for up to eight bytes of data (16 bytes on the 24AA025E48/24AA025E64). The 24AA02XEXX is available in the standard 8-pin SOIC, 5-lead SOT-23, and 6-lead SOT-23 packages.

Features
• Pre-Programmed Globally Unique, 48-bit or 64-bit Node Address
• Compatible with EUI-48™ and EUI-64™
• Single Supply with Operation Down to 1.7V
• Low-Power CMOS Technology:
   - Read current 1 mA, maximum
   - Standby current: 1 µA, maximum (I-Temp.)
                           5 µA, maximum (E-Temp.)
• 2-Wire Serial Interface, I2C Compatible
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• Page Write Time 3 ms, typical
• Self-Timed Erase/Write Cycle
• Page Write Buffer:
   - 8-byte page (24AA02E48/24AA02E64)
   - 16-byte page (24AA025E48/24AA025E64)
• ESD Protection >4,000V
• More than 1 Million Erase/Write Cycles
• Data Retention >200 Years
• Factory Programming Available
• Available Packages:
   - 8-lead SOIC and 5-lead SOT-23 (24AA02E48/24AA02E64)
   - 8-lead SOIC and 6-lead SOT-23 (24AA025E48/24AA025E64)
• RoHS Compliant
• Available for Extended Temperature Ranges:
   - Industrial (I): -40°C to +85°C
   - Automotive (E): -40°C to +125°C




Similar Part No. - 24AA02E48

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA02E48 MICROCHIP-24AA02E48 Datasheet
513Kb / 28P
2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
24AA02E48 MICROCHIP-24AA02E48 Datasheet
632Kb / 30P
2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA02E48 MICROCHIP-24AA02E48 Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
24AA02E48 MICROCHIP-24AA02E48 Datasheet
1Mb / 16P
A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
24AA02E48-E/OT MICROCHIP-24AA02E48-E/OT Datasheet
450Kb / 32P
2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results


Similar Description - 24AA02E48

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
11AA02E48 MICROCHIP-11AA02E48 Datasheet
277Kb / 18P
2K UNI/O짰 Serial EEPROM with EUI-48??Node Identity
2008
25AA02E48 MICROCHIP-25AA02E48 Datasheet
311Kb / 20P
2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2008
24AA025E48 MICROCHIP-24AA025E48 Datasheet
513Kb / 28P
2K I2C??Serial EEPROMs with EUI-48??Node Identity
2010
25AA02E48 MICROCHIP-25AA02E48_10 Datasheet
485Kb / 26P
2K SPI Bus Serial EEPROM with EUI-48??Node Identity
2010
24AA02E48 MICROCHIP-24AA02E48_13 Datasheet
632Kb / 30P
2K I2C??Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
25AA02E48 MICROCHIP-25AA02E48_13 Datasheet
626Kb / 28P
2K SPI Bus Serial EEPROMs with EUI-48??or EUI-64??Node Identity
2008-2013
24AA025E48T-I MICROCHIP-24AA025E48T-I Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48 Node Identity
01/05/10
24AA025E48-I MICROCHIP-24AA025E48-I Datasheet
513Kb / 28P
2K I2C Serial EEPROMs with EUI-48??Node Identity
01/05/10
93AA46AE48 MICROCHIP-93AA46AE48 Datasheet
426Kb / 26P
1K Microwire Serial EEPROM with EUI-48??Node Identity
06/23/16
24AA02E48 MICROCHIP-24AA02E48_16 Datasheet
450Kb / 32P
2K I2C Serial EEPROMs with EUI-48??or EUI-64??Node Identity
06/23/16
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com