Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6561 Datasheet (PDF) - Microchip Technology

MCP6561 Datasheet PDF - Microchip Technology
Part # MCP6561
Download  MCP6561 Download
File Size   730.19 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V Low Power Push-Pull Output Comparator

MCP6561 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6561 Datasheet PDF - Microchip Technology

Part # MCP6561
Download  MCP6561 Click to download

File Size   730.19 Kbytes
Page   42 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 1.8V Low Power Push-Pull Output Comparator

MCP6561 Datasheet (HTML) - Microchip Technology


MCP6561 Product details

Description

The Microchip Technology, Inc. MCP6561/1R/1U/2/4 families of CMOS/TTL compatible comparators are offered in single, dual, and quad configurations. These comparators are optimized for low power 1.8V,single-supply applications with greater than rail-to-rail input operation. The internal input hysteresis eliminates output switching due to internal input noise voltage, reducing current draw. The push-pull output of the MCP6561/1R/1U/2/4 family supports rail-to-rail output swing, and interfaces with CMOS/TTL logic. The output toggle frequency can reach a typical of 4 MHz (typical) while limiting supply current surges and dynamic power consumption during switching.



Features

• Propagation Delay at 1.8VDD:

- 56 ns (typical) High to Low

- 49 ns (typical) Low to High

• Low Quiescent Current: 100 µA (typical)

• Input Offset Voltage: ±3 mV (typical)

• Rail-to-Rail Input: VSS - 0.3V to VDD + 0.3V

• CMOS/TTL Compatible Output

• Wide Supply Voltage Range: 1.8V to 5.5V

• Available in Single, Dual, and Quad

• Packages: SC70-5, SOT-23-5, SOIC, MSOP, TSSOP



Typical Applications

• Laptop computers

• Mobile Phones

• Hand-held Electronics

• RC Timers

• Alarm and Monitoring Circuits

• Window Comparators

• Multi-vibrators




Similar Part No. - MCP6561

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6561R MICROCHIP-MCP6561R Datasheet
1Mb / 46P
1.8V Low-Power Push-Pull Output Comparator
2009-2013
MCP6561U MICROCHIP-MCP6561U Datasheet
1Mb / 46P
1.8V Low-Power Push-Pull Output Comparator
2009-2013
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
1.8V Low-Power Push-Pull Output Comparator
2009-2013
More results


Similar Description - MCP6561

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV3491 BURR-BROWN-TLV3491 Datasheet
494Kb / 15P
1.8V, Nanopower PUSH-PULL OUTPUT COMPARATOR
logo
Intersil Corporation
LPV7215 INTERSIL-LPV7215 Datasheet
957Kb / 18P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
logo
Microchip Technology
MCP6561 MICROCHIP-MCP6561_13 Datasheet
1Mb / 46P
1.8V Low-Power Push-Pull Output Comparator
2009-2013
logo
Texas Instruments
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Intersil Corporation
ISL28915FH6Z-T7 INTERSIL-ISL28915FH6Z-T7 Datasheet
325Kb / 10P
Nano Power, Push/Pull Output Comparator
July 12, 2012
logo
Texas Instruments
LPV7215 TI1-LPV7215 Datasheet
1Mb / 28P
Micropower, CMOS Input, RRIO, 1.8V, Push-Pull Output Comparator
TLV3491 TI1-TLV3491_15 Datasheet
1Mb / 23P
1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
logo
Unisonic Technologies
ULC3491 UTC-ULC3491 Datasheet
121Kb / 5P
1.8V, NANOPOWER, CMOS INPUT, PUSH-PULL OUTPUT COMPARATOR
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com