Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA-0520S41NA Datasheet (PDF) - American Accurate Components, Inc.

DA-0520S41NA Datasheet PDF - American Accurate Components, Inc.
Part # DA-0520S41NA
Download  DA-0520S41NA Download
File Size   179.06 Kbytes
Page   4 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Detector Log Video Amplifiers (DLVA)

DA-0520S41NA Datasheet (PDF)

Go To PDF Page Download Datasheet
DA-0520S41NA Datasheet PDF - American Accurate Components, Inc.

Part # DA-0520S41NA
Download  DA-0520S41NA Click to download

File Size   179.06 Kbytes
Page   4 Pages
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.
Description Detector Log Video Amplifiers (DLVA)

DA-0520S41NA Datasheet (HTML) - American Accurate Components, Inc.


DA-0520S41NA Product details

There are three basic types of logarithmic amplifiers,
    Detector-Log Video Amplifiers (DLVAs)
    Successive Detection Logarithmic
    Amplifiers True Log Amplifiers (TLAs)

A detector log video amplifier (DLVA) is a type of logarithmic amplifier in which the envelope of the input RF signal is detected by a standard "linear" diode detector. The output of the detector is compressed in the video amplifier section, making input/output relationship similar to a logarithmic conversion. In general, the DLVA offers the advantage of operating over the widest frequency range, but at the sacrifice of dynamic range.
   
Features
    Advanced Microwave Hybrid Integrated
    Circuits Technology
    Frequency Range from 0.5 to 18GHz
    Superior Log Linearity
    Wide Dynamic Range
    Wide Bandwidth
    Low Current Consumption
    DC-Coupled DLVAs
    High Performance
    High Reliability
    High Repeatability
    Compact Size And Light Weight
    Custom Design Available
   
Applications
    Radar Systems
    Navigation Systems
    Laboratory Measurement And Test Equipment
    Telecommunications And Data Communications
    Military And Instrumentation Systems
    Other Commercial Applications
   




Similar Part No. - DA-0520S41NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DA-05 ETC2-DA-05 Datasheet
442Kb / 6P
DS, DP, DA Series
DA-05-T ETC2-DA-05-T Datasheet
442Kb / 6P
DS, DP, DA Series
DA-05BU-T-V ETC2-DA-05BU-T-V Datasheet
442Kb / 6P
DS, DP, DA Series
DA-05KU-T-V ETC2-DA-05KU-T-V Datasheet
442Kb / 6P
DS, DP, DA Series
More results


Similar Description - DA-0520S41NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LOG112 TI-LOG112 Datasheet
305Kb / 14P
LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
List of Unclassifed Man...
759N ETC1-759N Datasheet
69Kb / 1P
Economy, Wideband Log/Antilog Amplifiers
logo
Filtronic Compound Semi...
RV002 FILTRONIC-RV002 Datasheet
325Kb / 2P
DETECTOR LOG VIDEO AMPLIFIERS
logo
Intronics Power, Inc.
759N INTRONICS-759N Datasheet
903Kb / 4P
Economy, Wideband Log/Antilog Amplifiers
logo
Texas Instruments
LOG112AIDRE4 TI-LOG112AIDRE4 Datasheet
761Kb / 20P
Precision LOGARITHMIC AND LOG RATIO AMPLIFIERS
logo
Teledyne Technologies I...
DA2CP20047 TELEDYNE-DA2CP20047 Datasheet
376Kb / 2P
0.5 TO 20.0 GHz LOG VIDEO AMP ANALOG DETECTOR
logo
Analog Devices
HMC613LC4B AD-HMC613LC4B Datasheet
549Kb / 10P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER
HMC813LC4B AD-HMC813LC4B Datasheet
886Kb / 10P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
HMC1013LP4E AD-HMC1013LP4E Datasheet
710Kb / 8P
SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
AD8317 AD-AD8317_17 Datasheet
756Kb / 19P
Log Detector/Controller
Aug-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com