Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2497 Datasheet (PDF) - Toshiba Semiconductor

2SK2497 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2497
Download  2SK2497 Download
File Size   300.76 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL SINGLE GATE MODULATION DOPE TYPE (SHF BAND LOW NOISE AMPLIFIER APPLICATIONS)

2SK2497 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2497 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2497
Download  2SK2497 Click to download

File Size   300.76 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL SINGLE GATE MODULATION DOPE TYPE (SHF BAND LOW NOISE AMPLIFIER APPLICATIONS)

2SK2497 Datasheet (HTML) - Toshiba Semiconductor


2SK2497 Product details

SHF BAND LOW NOISE AMPLIFIER APPLICATIONS.

Low Noise Figure : NF = 1.2d,B(f=12GHz)
High Gain : GA =10dB (f =12GHz)




Similar Part No. - 2SK2497

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SK249 NJSEMI-2SK249 Datasheet
218Kb / 2P
Superior Cross Modulation Performance
logo
Shindengen Electric Mfg...
2SK2490 SHINDENGEN-2SK2490 Datasheet
408Kb / 10P
VZ Series Power MOSFET(180V 10A)
logo
Inchange Semiconductor ...
2SK2490 ISC-2SK2490 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
logo
Shindengen Electric Mfg...
2SK2491 SHINDENGEN-2SK2491 Datasheet
405Kb / 10P
VZ Series Power MOSFET(180V 20A)
logo
Inchange Semiconductor ...
2SK2491 ISC-2SK2491 Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK2497

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2331 TOSHIBA-2SK2331 Datasheet
316Kb / 6P
N CHANNEL SINGLE GATE MODULATION DOPE TYPE (SHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SK2332 TOSHIBA-2SK2332 Datasheet
319Kb / 6P
N CHANNEL SINGLE GATE MODULATION DOPE TYPE (SHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SK2496 TOSHIBA-2SK2496 Datasheet
317Kb / 6P
N CHANNEL SINGLE GATE MODULATION DOPE TYPE (SHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SK2856 TOSHIBA-2SK2856 Datasheet
235Kb / 4P
N CHANNEL SINGLE GATE MODULATION DOPE TYPE (UHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
2SK3179 TOSHIBA-2SK3179 Datasheet
790Kb / 12P
N CHANNEL SINGLE GATE MODULATION DOPE TYPE )UHF~SHF BAND LOW NOISE AMPLIFIER APPLICATIONS)
MT4S200U TOSHIBA-MT4S200U Datasheet
166Kb / 6P
UHF-SHF Low Noise Amplifier Application
MT3S107FS TOSHIBA-MT3S107FS Datasheet
90Kb / 3P
VHF-SHF Low Noise Amplifier Application
MT3S108FS TOSHIBA-MT3S108FS Datasheet
90Kb / 3P
VHF-SHF Low Noise Amplifier Application
MT4S102T TOSHIBA-MT4S102T Datasheet
124Kb / 5P
UHF-SHF Low Noise Amplifier Application
MT4S104T TOSHIBA-MT4S104T Datasheet
126Kb / 5P
UHF-SHF Low Noise Amplifier Application
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com