Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C152 Datasheet (PDF) - Microchip Technology

RE46C152 Datasheet PDF - Microchip Technology
Part # RE46C152
Download  RE46C152 Download
File Size   255.83 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select

RE46C152 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C152 Datasheet PDF - Microchip Technology

Part # RE46C152
Download  RE46C152 Click to download

File Size   255.83 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Tone Select

RE46C152 Datasheet (HTML) - Microchip Technology


RE46C152 Product details

General Description

The RE46C152 is a low power CMOS ionization type smoke detector IC. With few external components this circuit will provide all the required features for an ionization type smoke detector.

An internal oscillator strobes power to the smoke detection circuitry for 10.5mS every 1.66 seconds to keep standby current to a minimum. A check for a low battery condition is performed every 40 seconds when in standby. The Tone input allows for selection of a temporal pattern or a 2/3 duty cycle continuous tone. The temporal horn pattern supports the NFPA 72 emergency evacuation signal.

An interconnect pin allows multiple detectors to be connected such that when one units alarms all units will sound.

An internal 8 minute timer allows for a separate button to be used for reduced sensitivity mode. Single button operation for test and timer mode is also possible.

Although this device was designed for smoke detection utilizing an ionization chamber it could be used in a variety of security applications.

Utilizing low power CMOS technology the RE46C152 was designed for use in smoke detectors that comply with Underwriters Laboratory Specification UL217 and UL268.



Features

• >1500V ESD Protection (HBM) on all Pins

• Guard Outputs for Ion Detector Input

• +/-0.75pA Detect Input Current

• Internal Reverse Battery Protection

• Low Quiescent Current Consumption (<6.5uA)

• 16L PDIP

• Internal Low Battery Detection

• Power Up Low Battery Test

• Interconnect up to 40 Detectors

• Pin selectable horn patterns

• 8 Minute Timer for Sensitivity Control

• Available in RoHS Compliant Pb Free Packaging.



 




Similar Part No. - RE46C152

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8F MICROCHIP-RE46C100D8F Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8TF MICROCHIP-RE46C100D8TF Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
More results


Similar Description - RE46C152

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C122 ETC-RE46C122 Datasheet
173Kb / 9P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode Preliminary Product Specification
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C162 MICROCHIP-RE46C162 Datasheet
262Kb / 22P
CMOS Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C180S16F MICROCHIP-RE46C180S16F Datasheet
872Kb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
08/02/11
RE46C180 MICROCHIP-RE46C180 Datasheet
1Mb / 58P
CMOS Programmable Ionization Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com