Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA2220 Datasheet (PDF) - Toshiba Semiconductor

2SA2220 Datasheet PDF - Toshiba Semiconductor
Part # 2SA2220
Download  2SA2220 Download
File Size   173.27 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Transistor Silicon PNP Epitaxial Type

2SA2220 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA2220 Datasheet PDF - Toshiba Semiconductor

Part # 2SA2220
Download  2SA2220 Click to download

File Size   173.27 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Transistor Silicon PNP Epitaxial Type

2SA2220 Datasheet (HTML) - Toshiba Semiconductor


2SA2220 Product details

○ Audio Frequency Amplifier Applications

• High collector voltage : VCEO = - 160 V
• Small collector output capacitance : Cob = 17 pF (typ.)
• High transition frequency : fT = 100 MHz (typ.)
• Complementary to 2SC6140




Similar Part No. - 2SA2220

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2220 TOSHIBA-2SA2220 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - 2SA2220

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA2058 TOSHIBA-2SA2058 Datasheet
196Kb / 5P
TOSHIBA Transistor Silicon PNP Epitaxial Type
TPC6603 TOSHIBA-TPC6603 Datasheet
156Kb / 5P
Transistor Silicon PNP Epitaxial Type
logo
Guangdong Kexin Industr...
2SA1162 KEXIN-2SA1162 Datasheet
86Kb / 2P
Silicon PNP Epitaxial Type Transistor
2SA1832 KEXIN-2SA1832 Datasheet
37Kb / 1P
Silicon PNP Epitaxial Type Transistor
logo
Toshiba Semiconductor
2SA2219 TOSHIBA-2SA2219 Datasheet
171Kb / 5P
Transistor Silicon PNP Epitaxial Type
TPC6601 TOSHIBA-TPC6601 Datasheet
158Kb / 5P
Transistor Silicon PNP Epitaxial Type
TPC6604 TOSHIBA-TPC6604 Datasheet
165Kb / 5P
Transistor Silicon PNP Epitaxial Type
logo
Bruckewell Technology L...
2SC1623 BWTECH-2SC1623 Datasheet
380Kb / 4P
Silicon PNP Epitaxial Type Transistor
2SA1162 BWTECH-2SA1162 Datasheet
410Kb / 4P
Silicon PNP Epitaxial Type Transistor
logo
Galaxy Semi-Conductor H...
HM879 BILIN-HM879 Datasheet
156Kb / 3P
SILICON PNP EPITAXIAL TYPE TRANSISTOR
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com