Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC6139 Datasheet (PDF) - Toshiba Semiconductor

2SC6139 Datasheet PDF - Toshiba Semiconductor
Part # 2SC6139
Download  2SC6139 Download
File Size   191.64 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Transistor Silicon NPN Epitaxial Type

2SC6139 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC6139 Datasheet PDF - Toshiba Semiconductor

Part # 2SC6139
Download  2SC6139 Click to download

File Size   191.64 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Transistor Silicon NPN Epitaxial Type

2SC6139 Datasheet (HTML) - Toshiba Semiconductor


2SC6139 Product details

○ Audio Frequency Amplifier Applications

• High collector voltage : VCEO = 160 V (min)
• Small collector output capacitance : Cob = 12pF (typ.)
• High transition frequency : fT = 100MHz (typ.)
• Complementary to 2SA2219




Similar Part No. - 2SC6139

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6139 TOSHIBA-2SC6139 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - 2SC6139

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HM879 HSMC-HM879 Datasheet
27Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879 HSMC-HSD879 Datasheet
30Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
HSD879D HSMC-HSD879D Datasheet
32Kb / 3P
SILICON NPN EPITAXIAL TYPE TRANSISTOR
logo
Toshiba Semiconductor
MT3S04AU TOSHIBA-MT3S04AU Datasheet
111Kb / 2P
TRANSISTOR SILICON NPN EPITAXIAL TYPE
11-Sep-2000
2SC5976 TOSHIBA-2SC5976 Datasheet
175Kb / 5P
Transistor Silicon NPN Epitaxial Type
01-Jul-2004
2SC6140 TOSHIBA-2SC6140 Datasheet
173Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6501 TOSHIBA-TPC6501_06 Datasheet
148Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6502 TOSHIBA-TPC6502 Datasheet
187Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPC6503 TOSHIBA-TPC6503 Datasheet
197Kb / 5P
Transistor Silicon NPN Epitaxial Type
TPCP8510 TOSHIBA-TPCP8510 Datasheet
218Kb / 5P
Transistor Silicon NPN Epitaxial Type
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com