Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT40T302 Datasheet (PDF) - Toshiba Semiconductor

GT40T302 Datasheet PDF - Toshiba Semiconductor
Part # GT40T302
Download  GT40T302 Download
File Size   173.24 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Insulated Gate Bipolar Transistor Silicon N Channel IGBT

GT40T302 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT40T302 Datasheet PDF - Toshiba Semiconductor

Part # GT40T302
Download  GT40T302 Click to download

File Size   173.24 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Insulated Gate Bipolar Transistor Silicon N Channel IGBT

GT40T302 Datasheet (HTML) - Toshiba Semiconductor


GT40T302 Product details

Parallel Resonance Inverter Switching Applications

•  FRD included between emitter and collector
•  Enhancement mode
•  High speed  IGBT: tf= 0.23 μs (typ.) (IC= 40 A)
                        FRD: trr= 0.7 μs (typ.) (di/dt = −20 A/μs)
•  Low saturation voltage: VCE (sat)= 3.7 V (typ.) (IC= 40 A)




Similar Part No. - GT40T302

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT40T302 TOSHIBA-GT40T302 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - GT40T302

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
GT30J324 TOSHIBA-GT30J324 Datasheet
166Kb / 7P
Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT40T301 TOSHIBA-GT40T301 Datasheet
311Kb / 6P
Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT50G321 TOSHIBA-GT50G321 Datasheet
287Kb / 6P
TOSHIBA INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT8G132 TOSHIBA-GT8G132 Datasheet
338Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT15Q311 TOSHIBA-GT15Q311 Datasheet
172Kb / 7P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT40G121 TOSHIBA-GT40G121 Datasheet
151Kb / 5P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT60M323 TOSHIBA-GT60M323 Datasheet
193Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT80J101B TOSHIBA-GT80J101B Datasheet
69Kb / 6P
TOSHIBA Insulated Gate Bipolar Transistor Silicon N Channel IGBT
GT60M303 TOSHIBA-GT60M303 Datasheet
426Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR SILICON N CHANNEL IGBT
GT60N321 TOSHIBA-GT60N321 Datasheet
173Kb / 6P
Insulated Gate Bipolar Transistor Silicon N Channel IGBT
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com