Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCM8006 Datasheet (PDF) - Toshiba Semiconductor

TPCM8006 Datasheet PDF - Toshiba Semiconductor
Part # TPCM8006
Download  TPCM8006 Download
File Size   206.7 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??

TPCM8006 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCM8006 Datasheet PDF - Toshiba Semiconductor

Part # TPCM8006
Download  TPCM8006 Click to download

File Size   206.7 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??

TPCM8006 Datasheet (HTML) - Toshiba Semiconductor


TPCM8006 Product details

Lithium Ion Battery Applications
Notebook PC Applications
Portable Equipment Applications

• Small footprint due to a small and thin package
• Low drain-source ON-resistance: RDS (ON) = 5.5 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 46 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 30 V)
• Enhancement mode: Vth = 1.3 to 2.5 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPCM8006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCM8001-H TOSHIBA-TPCM8001-H Datasheet
42Kb / 4P
High Speed and High Efficiency DC-DC Converters, Notebook PC Applications, Portable Equipment Applications
18-Aug-2004
TPCM8001-H TOSHIBA-TPCM8001-H Datasheet
306Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
16-Nov-2006
TPCM8001-H TOSHIBA-TPCM8001-H_07 Datasheet
306Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
16-Nov-2006
More results


Similar Description - TPCM8006

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
TPCT4202 NSC-TPCT4202 Datasheet
259Kb / 4P
Field effect Transistor Silicon N Channel MOS Type(U-MOS)
logo
Toshiba Semiconductor
SSM3K318T TOSHIBA-SSM3K318T Datasheet
219Kb / 6P
Field-Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8216-H TOSHIBA-TPC8216-H Datasheet
213Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8026 TOSHIBA-TPCA8026 Datasheet
159Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCA8040-H TOSHIBA-TPCA8040-H Datasheet
148Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??H)
TPCA8042 TOSHIBA-TPCA8042 Datasheet
160Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCC8008 TOSHIBA-TPCC8008 Datasheet
223Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (U-MOS??
TPCP8004 TOSHIBA-TPCP8004 Datasheet
196Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
TK40A10K3 TOSHIBA-TK40A10K3 Datasheet
208Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com