Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCP8006 Datasheet (PDF) - Toshiba Semiconductor

TPCP8006 Datasheet PDF - Toshiba Semiconductor
Part # TPCP8006
Download  TPCP8006 Download
File Size   191.08 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)

TPCP8006 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCP8006 Datasheet PDF - Toshiba Semiconductor

Part # TPCP8006
Download  TPCP8006 Click to download

File Size   191.08 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)

TPCP8006 Datasheet (HTML) - Toshiba Semiconductor


TPCP8006 Product details

Notebook PC Applications
Portable Equipment Applications

• Small footprint due to small and thin package
• Low drain-source ON-resistance: RDS (ON) = 6.5 mΩ (typ.)
• High forward transfer admittance:|Yfs| = 36 S (typ.)
• Low leakage current: IDSS = 10 μA (max) (VDS = 20 V)
• Enhancement mode: Vth = 0.5 to 1.2 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPCP8006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8006 TOSHIBA-TPCP8006 Datasheet
221Kb / 7P
Notebook PC Applications Portable Equipment Applications
TPCP8006 TOSHIBA-TPCP8006 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TPCP8006 TOSHIBA-TPCP8006_1 Datasheet
221Kb / 7P
Notebook PC Applications Portable Equipment Applications
More results


Similar Description - TPCP8006

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCP8402 TOSHIBA-TPCP8402 Datasheet
162Kb / 6P
TOSHIBA Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
26-Sep-2003
TPCP8002 TOSHIBA-TPCP8002 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOS IV)
16-Jan-2007
TPC8025 TOSHIBA-TPC8025 Datasheet
191Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8027 TOSHIBA-TPC8027 Datasheet
188Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8029 TOSHIBA-TPC8029 Datasheet
189Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8030 TOSHIBA-TPC8030 Datasheet
229Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8041 TOSHIBA-TPC8041 Datasheet
201Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPC8042 TOSHIBA-TPC8042 Datasheet
207Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
TPCF8402 TOSHIBA-TPCF8402_09 Datasheet
320Kb / 11P
Field Effect Transistor Silicon P, N Channel MOS Type (U-MOS IV / U-MOS III)
TPC8026 TOSHIBA-TPC8026 Datasheet
207Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS IV)
2009-09-29
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com