Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2865 Datasheet (PDF) - Toshiba Semiconductor

2SK2865 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2865
Download  2SK2865 Download
File Size   292.08 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)

2SK2865 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2865 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2865
Download  2SK2865 Click to download

File Size   292.08 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)

2SK2865 Datasheet (HTML) - Toshiba Semiconductor


2SK2865 Product details

Chopper Regulator, DC/DC Converter and Motor Drive Applications

• Low drain−source ON-resistance : RDS (ON) = 4.2 Ω (typ.)
• High forward transfer admittance : |Yfs| = 1.7 S (typ.)
• Low leakage current : IDSS = 100 μA (max) (VDS = 600 V)
• Enhancement mode : Vth = 2.0 to 4.0 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK2865

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2865 TOSHIBA-2SK2865 Datasheet
710Kb / 6P
Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865 Datasheet
415Kb / 6P
Chopper Regulator, DC/DC Converter and Motor Drive Applications
logo
Kersemi Electronic Co.,...
2SK2865 KERSEMI-2SK2865 Datasheet
1Mb / 5P
Chopper Regulator, DC/DC Converter and Motor Drive Applications
logo
Toshiba Semiconductor
2SK2865 TOSHIBA-2SK2865 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
2SK2865 VBSEMI-2SK2865 Datasheet
1Mb / 9P
N-Channel 650 V (D-S) MOSFET
More results


Similar Description - 2SK2865

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2835 TOSHIBA-2SK2835 Datasheet
279Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2836 TOSHIBA-2SK2836 Datasheet
288Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2837 TOSHIBA-2SK2837 Datasheet
295Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2838 TOSHIBA-2SK2838 Datasheet
287Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2842 TOSHIBA-2SK2842 Datasheet
283Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2843 TOSHIBA-2SK2843 Datasheet
280Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2844 TOSHIBA-2SK2844 Datasheet
297Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2846 TOSHIBA-2SK2846 Datasheet
288Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2866 TOSHIBA-2SK2866 Datasheet
292Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2883 TOSHIBA-2SK2883 Datasheet
297Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com