Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2886 Datasheet (PDF) - Toshiba Semiconductor

2SK2886 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2886
Download  2SK2886 Download
File Size   290.22 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)

2SK2886 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2886 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2886
Download  2SK2886 Click to download

File Size   290.22 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)

2SK2886 Datasheet (HTML) - Toshiba Semiconductor


2SK2886 Product details

Chopper Regulator, DC−DC Converter and Motor Drive Applications





Low drain−source ON resistance  : RDS(ON)= 14 mΩ(typ.)

High forward transfer admittance  : |Yfs| = 31 S (typ.)

Low leakage current  : IDSS= 100 μA (max) (VDS= 50 V)

Enhancement mode  : Vth= 0.8 to 2.0 V (VDS= 10 V, ID= 1 mA)




Similar Part No. - 2SK2886

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2886 TOSHIBA-2SK2886 Datasheet
845Kb / 6P
Silicon N Channel MOS Type
2SK2886 TOSHIBA-2SK2886 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2886 ISC-2SK2886 Datasheet
298Kb / 3P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2886 TOSHIBA-2SK2886_06 Datasheet
845Kb / 6P
Silicon N Channel MOS Type
2SK2886 TOSHIBA-2SK2886_09 Datasheet
494Kb / 6P
Chopper Regulator, DC−DC Converter and Motor DriveApplications
More results


Similar Description - 2SK2886

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2844 TOSHIBA-2SK2844 Datasheet
297Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND MOTOR DRIVE APPLICATIONS)
2SK2889 TOSHIBA-2SK2889 Datasheet
283Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2914 TOSHIBA-2SK2914 Datasheet
279Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2915 TOSHIBA-2SK2915 Datasheet
302Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2917 TOSHIBA-2SK2917 Datasheet
297Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2949 TOSHIBA-2SK2949 Datasheet
296Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2953 TOSHIBA-2SK2953 Datasheet
301Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2962 TOSHIBA-2SK2962 Datasheet
292Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2964 TOSHIBA-2SK2964 Datasheet
286Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
2SK2965 TOSHIBA-2SK2965 Datasheet
133Kb / 2P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTERAND AND MOTOR DRIVE APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com