Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2968 Datasheet (PDF) - Toshiba Semiconductor

2SK2968 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2968
Download  2SK2968 Download
File Size   289.53 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)

2SK2968 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2968 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2968
Download  2SK2968 Click to download

File Size   289.53 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)

2SK2968 Datasheet (HTML) - Toshiba Semiconductor


2SK2968 Product details

DC−DC Converter, Relay Drive and Motor Drive Applications





Low drain−source ON resistance  : RDS (ON)= 1.05 Ω(typ.)

High forward transfer admittance  : |Yfs| = 7.6 S (typ.)

Low leakage current  : IDSS= 100 μA (max) (VDS= 720 V)

Enhancement mode  : Vth= 2.0 to 4.0 V (VDS= 10 V, ID= 1 mA)




Similar Part No. - 2SK2968

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2968 TOSHIBA-2SK2968 Datasheet
693Kb / 6P
Silicon N Channel MOS Type DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968 Datasheet
419Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
2SK2968 TOSHIBA-2SK2968 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK2968 ISC-2SK2968 Datasheet
303Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK2968 TOSHIBA-2SK2968 Datasheet
252Kb / 6P
DC−DC Converter, Relay Drive and Motor Drive Applications
2002-07-31
More results


Similar Description - 2SK2968

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1382 TOSHIBA-2SK1382 Datasheet
263Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2601 TOSHIBA-2SK2601 Datasheet
288Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2611 TOSHIBA-2SK2611 Datasheet
287Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2698 TOSHIBA-2SK2698 Datasheet
290Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2916 TOSHIBA-2SK2916 Datasheet
294Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2961 TOSHIBA-2SK2961 Datasheet
268Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2985 TOSHIBA-2SK2985 Datasheet
293Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2986 TOSHIBA-2SK2986 Datasheet
298Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2991 TOSHIBA-2SK2991 Datasheet
296Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK1382 TOSHIBA-2SK1382_06 Datasheet
748Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com