Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2987 Datasheet (PDF) - Toshiba Semiconductor

2SK2987 Datasheet PDF - Toshiba Semiconductor
Part # 2SK2987
Download  2SK2987 Download
File Size   302.49 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)

2SK2987 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK2987 Datasheet PDF - Toshiba Semiconductor

Part # 2SK2987
Download  2SK2987 Click to download

File Size   302.49 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)

2SK2987 Datasheet (HTML) - Toshiba Semiconductor


2SK2987 Product details

DC−DC Converter, Relay Drive and Motor Drive Applications



Low drain−source ON resistance  : RDS (ON)= 4.5 mΩ(typ.)

High forward transfer admittance  : |Yfs| = 80 S (typ.)

Low leakage current  : IDSS= 100 µA (max) (VDS= 60 V)

Enhancement−mode : Vth= 1.3~2.5 V (VDS= 10 V, ID= 1mA)




Similar Part No. - 2SK2987

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK298 ISC-2SK298 Datasheet
321Kb / 2P
isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK2980 HITACHI-2SK2980 Datasheet
43Kb / 9P
Silicon N Channel MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SK2980 RENESAS-2SK2980 Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2980ZZ-TL-E RENESAS-2SK2980ZZ-TL-E Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
2SK2980ZZ-TR-E RENESAS-2SK2980ZZ-TR-E Datasheet
81Kb / 7P
Silicon N Channel MOS FET High Speed Power Switching
More results


Similar Description - 2SK2987

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ378 TOSHIBA-2SJ378 Datasheet
283Kb / 5P
P CHANNEL MOS TYPE (HIGH CURRENT SWITCHING, RELAY DRIVE, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK1382 TOSHIBA-2SK1382 Datasheet
263Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2606 TOSHIBA-2SK2606 Datasheet
162Kb / 3P
N CHANNEL MOS TYPE (DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK2961 TOSHIBA-2SK2961 Datasheet
268Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2963 TOSHIBA-2SK2963 Datasheet
291Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK3017 TOSHIBA-2SK3017 Datasheet
297Kb / 5P
N CHANNEL MOS TYPE (HIGH VOLTAGE SWITCHING, DC-DC CONVERTER, RELAY DRIVE AND MOTOR DRIVE APPLICATIONS)
2SK1382 TOSHIBA-2SK1382_06 Datasheet
748Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED SWITCHING, RELAY DRIVE, MOTOR DRIVE AND DC-DC CONVERTER APPLICATIONS)
2SK2963 TOSHIBA-2SK2963_07 Datasheet
316Kb / 6P
Silicon N Channel MOS Type DC-DC Converter, Relay Drive and Motor Drive Applications
2SK3397 TOSHIBA-2SK3397_06 Datasheet
214Kb / 6P
Silicon N Channel MOS Type Relay Drive and DC-DC Converter Applications Motor Drive Applications
2SK4014 TOSHIBA-2SK4014 Datasheet
237Kb / 6P
Silicon N-Channel MOS Type DC/DC Converter, Relay Drive and Motor Drive Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com