Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK3301 Datasheet (PDF) - Toshiba Semiconductor

2SK3301 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3301
Download  2SK3301 Download
File Size   142.93 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, DC-DC CONVERTER APPLICATIONS)

2SK3301 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3301 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3301
Download  2SK3301 Click to download

File Size   142.93 Kbytes
Page   2 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, DC-DC CONVERTER APPLICATIONS)

2SK3301 Datasheet (HTML) - Toshiba Semiconductor


2SK3301 Product details

Switching Regulatorand DC-DC Converter Applications



• Low drain-source ON resistance: RDS (ON) = 15 Ω (typ.)

• High forward transfer admittance: |Yfs| = 0.65 S (typ.)

• Low leakage current: IDSS = 100 μA (max) (VDS = 720 V)

• Enhancement mode: Vth = 2.4 to 3.4 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3301 TOSHIBA-2SK3301 Datasheet
166Kb / 3P
Silicon N Channel MOS Type Switching Regulatorand DC-DC Converter Applications
2SK3301 TOSHIBA-2SK3301 Datasheet
150Kb / 3P
Switching Regulatorand DC-DC Converter Applications
2SK3301 TOSHIBA-2SK3301 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3301D ISC-2SK3301D Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
2SK3301I ISC-2SK3301I Datasheet
398Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - 2SK3301

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK2233 TOSHIBA-2SK2233 Datasheet
286Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2274 TOSHIBA-2SK2274 Datasheet
258Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2311 TOSHIBA-2SK2311 Datasheet
292Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
2SK2382 TOSHIBA-2SK2382 Datasheet
283Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
2SK2493 TOSHIBA-2SK2493 Datasheet
260Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPER REGULATOR, AND DC-DC CONVERTER APPLICATIONS)
2SK2998 TOSHIBA-2SK2998 Datasheet
253Kb / 5P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER APPLICATIONS)
2SC6040 TOSHIBA-2SC6040 Datasheet
189Kb / 5P
High-Speed and High-Voltage Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
TPCS8009-H TOSHIBA-TPCS8009-H Datasheet
235Kb / 7P
High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
2SK2311 TOSHIBA-2SK2311_06 Datasheet
771Kb / 6P
N CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR, DC-DC CONVERTER AND SWITCHING REGULATOR APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com