Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK369 Datasheet (PDF) - Toshiba Semiconductor

2SK369 Datasheet PDF - Toshiba Semiconductor
Part # 2SK369
Download  2SK369 Download
File Size   243.65 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)

2SK369 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK369 Datasheet PDF - Toshiba Semiconductor

Part # 2SK369
Download  2SK369 Click to download

File Size   243.65 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)

2SK369 Datasheet (HTML) - Toshiba Semiconductor


2SK369 Product details

For Low Noise Audio Amplifier Applications



* Suitable for use as first stage for equalizer and MC head amplifiers.

* High |Yfs|: |Yfs| = 40 mS (typ.) (VDS= 10 V, VGS= 0, IDSS= 5 mA)

* High breakdown voltage: VGDS= −40 V (min)

* Super low noise: NF = 1.0dB (typ.)

 (VDS= 10 V, ID= 5 mA, f = 1 kHz, RG= 100 Ω)



* High input impedance: IGSS= −1 nA (max) (VGS= −30 V)






Similar Part No. - 2SK369

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK369 TOSHIBA-2SK369 Datasheet
754Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK369 TOSHIBA-2SK369 Datasheet
358Kb / 5P
For Low Noise Audio Amplifier Applications
2SK369-BL TOSHIBA-2SK369-BL Datasheet
358Kb / 5P
For Low Noise Audio Amplifier Applications
logo
Sanyo Semicon Device
2SK3690-01 SANYO-2SK3690-01 Datasheet
125Kb / 4P
N-CHANNEL SILICON POWER MOSFET
logo
Fuji Electric
2SK3690-01 FUJI-2SK3690-01 Datasheet
128Kb / 4P
N-CHANNEL SILICON POWER MOSFET
More results


Similar Description - 2SK369

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK184 TOSHIBA-2SK184 Datasheet
200Kb / 3P
N CHANNEL JUNCTION TYPE (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK2145 TOSHIBA-2SK2145 Datasheet
208Kb / 3P
N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK3320 TOSHIBA-2SK3320 Datasheet
193Kb / 4P
N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK370 TOSHIBA-2SK370 Datasheet
221Kb / 4P
N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK371 TOSHIBA-2SK371 Datasheet
244Kb / 4P
N CHANNEL JUNCTION TYPE (FOR LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
2SK369 TOSHIBA-2SK369_07 Datasheet
754Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK370 TOSHIBA-2SK370_07 Datasheet
654Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK371 TOSHIBA-2SK371_07 Datasheet
757Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
2SK2145 TOSHIBA-2SK2145_07 Datasheet
588Kb / 5P
N CHANNEL JUNCTION TYPE (AUDIO FREQUENCY LOW NOISE AMPLIFIER APPLICATIONS)
2SK3320 TOSHIBA-2SK3320_07 Datasheet
589Kb / 5P
Silicon N Channel Junction Type For Low Noise Audio Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com