Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK879 Datasheet (PDF) - Toshiba Semiconductor

2SK879 Datasheet PDF - Toshiba Semiconductor
Part # 2SK879
Download  2SK879 Download
File Size   197.3 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)

2SK879 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK879 Datasheet PDF - Toshiba Semiconductor

Part # 2SK879
Download  2SK879 Click to download

File Size   197.3 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)

2SK879 Datasheet (HTML) - Toshiba Semiconductor


2SK879 Product details

General Purpose and Impedance Converter and Condenser Microphone Applications

• High breakdown voltage: VGDS = −50 V
• High input impedance: IGSS = −1.0 nA (max) (VGS = −30 V)
• Low noise: NF = 0.5dB (typ.) (RG = 100 kΩ, f = 120 Hz)
• Small package




Similar Part No. - 2SK879

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK879 TOSHIBA-2SK879 Datasheet
575Kb / 4P
Silicon N Channel Junction Type General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK879 TOSHIBA-2SK879 Datasheet
297Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK879 TOSHIBA-2SK879 Datasheet
297Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK879-GR TOSHIBA-2SK879-GR Datasheet
297Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK879-O TOSHIBA-2SK879-O Datasheet
297Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
More results


Similar Description - 2SK879

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK118 TOSHIBA-2SK118 Datasheet
199Kb / 3P
N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)
2SK208 TOSHIBA-2SK208 Datasheet
201Kb / 3P
N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)
10-Apr-1997
2SK3321 TOSHIBA-2SK3321 Datasheet
192Kb / 5P
N CHANNEL JUNCTION TYPE (GENERAL PURPOSE AND IMPEDANCE CONVERTER AND CONDENSER MICROPHONE APPLICATIONS)
18-Oct-1999
2SK879 TOSHIBA-2SK879_07 Datasheet
575Kb / 4P
Silicon N Channel Junction Type General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK118 TOSHIBA-2SK118_07 Datasheet
593Kb / 4P
Silicon N Channel Junction Type General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK208 TOSHIBA-2SK208_07 Datasheet
588Kb / 4P
Silicon N Channel Junction Type General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK208-GR TOSHIBA-2SK208-GR Datasheet
299Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK879-R TOSHIBA-2SK879-R Datasheet
297Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK208-R TOSHIBA-2SK208-R Datasheet
299Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
2SK208-Y TOSHIBA-2SK208-Y Datasheet
304Kb / 4P
General Purpose and Impedance Converter and Condenser Microphone Applications
01-Nov-2007
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com