Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK882 Datasheet (PDF) - Toshiba Semiconductor

2SK882 Datasheet PDF - Toshiba Semiconductor
Part # 2SK882
Download  2SK882 Download
File Size   199.62 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)

2SK882 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK882 Datasheet PDF - Toshiba Semiconductor

Part # 2SK882
Download  2SK882 Click to download

File Size   199.62 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)

2SK882 Datasheet (HTML) - Toshiba Semiconductor


2SK882 Product details

FM TUNER, VHF RF AMPLIFIER APPLICATIONS

• Low Reverse Transfer Capacitance: Crss = 0.025pF (Typ.)
• Low Noise Figure: NF = 1.7dB (Typ.)
• High Power Gain: Gps = 28dB (Typ.)
• Recommend Operation Voltage: 5~15 V




Similar Part No. - 2SK882

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK882 TOSHIBA-2SK882 Datasheet
630Kb / 6P
Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK882 TOSHIBA-2SK882_07 Datasheet
630Kb / 6P
Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
More results


Similar Description - 2SK882

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK1771 TOSHIBA-2SK1771 Datasheet
190Kb / 5P
N-CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK241 TOSHIBA-2SK241 Datasheet
262Kb / 5P
N CHANNEL MOS TYPE (FM TUNER, VHF AND FR AMPLIFIER APPLICATIONS)
2SK302 TOSHIBA-2SK302 Datasheet
252Kb / 6P
N CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
3SK195 TOSHIBA-3SK195 Datasheet
223Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER ,FM TUNER APPLICATIONS)
3SK226 TOSHIBA-3SK226 Datasheet
214Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV TUNER, VHF RF AMPLIFIER , FM TUNER APPLICATIONS)
3SK258 TOSHIBA-3SK258 Datasheet
215Kb / 4P
N CHANNEL DUAL GATE MOS TYPE (TV, FM TUNER VHF RF AMPLIFIER APPLICATIONS)
2SK882 TOSHIBA-2SK882_07 Datasheet
630Kb / 6P
Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK1771 TOSHIBA-2SK1771_07 Datasheet
584Kb / 6P
N-CHANNEL MOS TYPE (FM TUNER, VHF RF AMPLIFIER APPLICATIONS)
2SK302 TOSHIBA-2SK302_07 Datasheet
864Kb / 7P
Silicon N Channel MOS Type FM Tuner, VHF RF Amplifier Applications
2SK302-Y TOSHIBA-2SK302-Y Datasheet
377Kb / 7P
FM Tuner, VHF RF Amplifier Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com