Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68HC08 Datasheet (PDF) - Motorola, Inc

M68HC08 Datasheet PDF - Motorola, Inc
Part # M68HC08
Download  M68HC08 Download
File Size   2727.19 Kbytes
Page   230 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

M68HC08 Datasheet (PDF)

Go To PDF Page Download Datasheet
M68HC08 Datasheet PDF - Motorola, Inc

Part # M68HC08
Download  M68HC08 Click to download

File Size   2727.19 Kbytes
Page   230 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description Microcontrollers

M68HC08 Datasheet (HTML) - Motorola, Inc


M68HC08 Product details

Introduction
The MC68HC908QY4 is a member of the low-cost, high-performance M68HC08 Family of 8-bit microcontroller units (MCUs). The M68HC08 Family is a Complex Instruction Set Computer (CISC) with a Von Neumann architecture. All MCUs in the family use the enhanced M68HC08 central processor unit (CPU08) and are available with a variety of modules, memory sizes and types, and package types.

Features
Features include:
• High-performance M68HC08 CPU core
• Fully upward-compatible object code with M68HC05 Family
• 5-V and 3-V operating voltages (VDD)
• 8-MHz internal bus operation at 5 V, 4-MHz at 3 V
• Trimmable internal oscillator
– 3.2 MHz internal bus operation
– 8-bit trim capability
– ± 25% untrimmed
– ± 5% trimmed
• Auto wake-up from STOP capability
• Configuration (CONFIG) register for MCU configuration options, including:
– Low-voltage inhibit (LVI) trip point
• In-system FLASH programming
• FLASH security(1)
• On-chip in-application programmable FLASH memory (with
internal program/erase voltage generation)
– MC68HC908QY4 and MC68HC908QT4 —4096 bytes
– MC68HC908QY2, MC68HC908QY1, MC68HC908QT2, and MC68HC908QT1 —1536 bytes
• 128 bytes of on-chip random-access memory (RAM)
• 2-channel, 16-bit timer interface module (TIM)
• 4-channel, 8-bit analog-to-digital converter (ADC) on MC68HC908QY2, MC68HC908QY4, MC68HC908QT2, and MC68HC908QT4
• 5 or 13 bidirectional input/output (I/O) lines and one input only:
– Six shared with keyboard interrupt function and ADC
– Two shared with timer channels
– One shared with external interrupt (IRQ)
– Eight extra I/O lines on 16-pin package only
– High current sink/source capability on all port pins
– Selectable pullups on all ports, selectable on an individual bit basis
– Three-state ability on all port pins
• 6-bit keyboard interrupt with wakeup feature (KBI)
• Low-voltage inhibit (LVI) module features:
– Software selectable trip point in CONFIG register
• System protection features:
– Computer operating properly (COP) watchdog
– Low-voltage detection with reset
– Illegal opcode detection with reset
– Illegal address detection with reset
• External asynchronous interrupt pin with internal pullup (IRQ) shared with general-purpose input pin
• Master asynchronous reset pin (RST) shared with general-purpose input/output (I/O) pin
• Power-on reset
• Internal pullups on IRQand RSTto reduce external components
• Memory mapped I/O registers
• Power saving stop and wait modes
• MC68HC908QY4, MC68HC908QY2, and MC68HC908QY1 are available in these packages:
– 16-pin plastic dual in-line package (PDIP)
– 16-pin small outline integrated circuit (SOIC) package
– 16-pin thin shrink small outline package (TSSOP)
• MC68HC908QT4, MC68HC908QT2, and MC68HC908QT1 are available in these packages:
– 8-pin PDIP
– 8-pin SOIC




Similar Part No. - M68HC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
M68HC08 MOTOROLA-M68HC08 Datasheet
3Mb / 410P
M68HC08 Family of 8-bit microcontroller units (MCUs)
M68HC08 MOTOROLA-M68HC08 Datasheet
3Mb / 408P
Microcontrollers
logo
Freescale Semiconductor...
M68HC08 FREESCALE-M68HC08 Datasheet
778Kb / 124P
Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 288P
Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
Microcontrollers
More results


Similar Description - M68HC08

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC705J1A MOTOROLA-MC68HC705J1A Datasheet
1Mb / 162P
Microcontrollers
logo
Freescale Semiconductor...
MC9S12C FREESCALE-MC9S12C Datasheet
3Mb / 680P
Microcontrollers
MC68HC908GR60A FREESCALE-MC68HC908GR60A_07 Datasheet
3Mb / 314P
Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128 Datasheet
2Mb / 546P
Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128 Datasheet
2Mb / 600P
Microcontrollers
MC68HC05P4A FREESCALE-MC68HC05P4A Datasheet
404Kb / 72P
Microcontrollers
MC68HC08AZ32A FREESCALE-MC68HC08AZ32A Datasheet
2Mb / 312P
Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
Microcontrollers
MC68HC08JL3 FREESCALE-MC68HC08JL3_05 Datasheet
2Mb / 198P
Microcontrollers
MC68HC908AP64 FREESCALE-MC68HC908AP64_07 Datasheet
3Mb / 324P
Microcontrollers
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com