Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5DL2C48A Datasheet (PDF) - Toshiba Semiconductor

5DL2C48A Datasheet PDF - Toshiba Semiconductor
Part # 5DL2C48A
Download  5DL2C48A Download
File Size   214.61 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)

5DL2C48A Datasheet (PDF)

Go To PDF Page Download Datasheet
5DL2C48A Datasheet PDF - Toshiba Semiconductor

Part # 5DL2C48A
Download  5DL2C48A Click to download

File Size   214.61 Kbytes
Page   4 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)

5DL2C48A Datasheet (HTML) - Toshiba Semiconductor


5DL2C48A Product details

Switching Mode Power Supply Application

Converter & Chopper Application



• Repetitive peak reverse voltage: VDRM = 200 V, 300 V

• Average output rectified current: IO = 5 A

• Ultra fast reverse-recovery time: trr = 35 ns (Max)

• Low switching losses and output noise




Similar Part No. - 5DL2C48A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
5DL2C48A TOSHIBA-5DL2C48A Datasheet
210Kb / 5P
Switching Mode Power Supply Application
08-Nov-2006
5DL2C48A TOSHIBA-5DL2C48A_06 Datasheet
210Kb / 5P
Switching Mode Power Supply Application
08-Nov-2006
More results


Similar Description - 5DL2C48A

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
30GWJ2C42C TOSHIBA-30GWJ2C42C Datasheet
176Kb / 3P
SCHOTTKY BARRIER TYPE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER APPLICATIONS)
3GWJ2C42 TOSHIBA-3GWJ2C42 Datasheet
182Kb / 3P
SCHOTTKY BARRIER TYPE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
04-Mar-1998
5DL2C41A TOSHIBA-5DL2C41A Datasheet
153Kb / 2P
HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY CONVERTER & CHOPPER APPLICATIONS)
02-Dec-1996
5DL2CZ47A TOSHIBA-5DL2CZ47A Datasheet
227Kb / 3P
HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
02-Dec-1996
5DLZ47A TOSHIBA-5DLZ47A Datasheet
165Kb / 3P
HIGH EFFICIENCY RECTIFIER (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
02-Dec-1996
5GWJ2C42 TOSHIBA-5GWJ2C42 Datasheet
134Kb / 2P
SCHOTTKY BARRIER TYPE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
07-Jul-1998
5JL2CZ47 TOSHIBA-5JL2CZ47 Datasheet
152Kb / 2P
HIGH EFFICIENCY DIODE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
02-Dec-1996
5JLZ47 TOSHIBA-5JLZ47 Datasheet
152Kb / 2P
SILICON EPITAXIAL (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
02-Dec-1996
5JLZ47A TOSHIBA-5JLZ47A Datasheet
149Kb / 3P
HIGH EFFICIENCY RECTIFIER SCHOTTKY BARRIER TYPE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
10-Mar-1998
5JUZ47 TOSHIBA-5JUZ47 Datasheet
149Kb / 2P
SUPER FAST RECOVERY DIODE HIGH EFFICIENCY RECTIFIER SCHOTTKY BARRIER TYPE (SWITCHING TYPE POWER SUPPLY, CONVERTER & CHOPPER APPLICATIONS)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com