Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KDW Datasheet (PDF) - Weitron Technology

2N7002KDW Datasheet PDF - Weitron Technology
Part # 2N7002KDW
Download  2N7002KDW Download
File Size   152.56 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Dual N-Channel MOSFET

2N7002KDW Datasheet (PDF)

Go To PDF Page Download Datasheet
2N7002KDW Datasheet PDF - Weitron Technology

Part # 2N7002KDW
Download  2N7002KDW Click to download

File Size   152.56 Kbytes
Page   4 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description Dual N-Channel MOSFET

2N7002KDW Datasheet (HTML) - Weitron Technology


2N7002KDW Product details

Features:
* Low On-Resistance
* Fast Switching Speed
* Low-voltage drive
* Easily designed drive circuits
* ESD Protected:2000V

Mechanical Data:
*Case: SOT-363, Molded Plastic
*Case Material-UL Flammability Rating 94V-0
*Terminals: Solderable per MIL-STD-202, Method 208
*Weight: 0.006 grams(approx.)




Similar Part No. - 2N7002KDW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW Datasheet
183Kb / 5P
60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
SeCoS Halbleitertechnol...
2N7002KDW SECOS-2N7002KDW Datasheet
431Kb / 2P
Dual N-Channel Small Signal MOSFET
logo
Jiangsu Changjiang Elec...
2N7002KDW JIANGSU-2N7002KDW Datasheet
1Mb / 5P
N-channel MOSFET
logo
Micro Commercial Compon...
2N7002KDW MCC-2N7002KDW Datasheet
367Kb / 3P
N-Channel Enhancement Mode Field Effect Transistor
logo
SEC Electronics Inc.
2N7002KDW SECELECTRONICS-2N7002KDW Datasheet
431Kb / 2P
Dual N-Channel Small Signal MOSFET
More results


Similar Description - 2N7002KDW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com