Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC12M Datasheet (PDF) - Motorola, Inc

MAC12M Datasheet PDF - Motorola, Inc
Part # MAC12M
Download  MAC12M Download
File Size   41.64 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TRIACS 12 AMPERES RMS 400 thru 800 VOLTS

MAC12M Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC12M Datasheet PDF - Motorola, Inc

Part # MAC12M
Download  MAC12M Click to download

File Size   41.64 Kbytes
Page   2 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description TRIACS 12 AMPERES RMS 400 thru 800 VOLTS

MAC12M Datasheet (HTML) - Motorola, Inc


MAC12M Product details

Silicon Bidirectional Thyristors

Designed for high performance full–wave ac control applications where high noise immunity and commutating di/dt are required.

• Blocking Voltage to 800 Volts
• On-State Current Rating of 12 Amperes RMS at 70°C
• Uniform Gate Trigger currents in Three Modes
• High Immunity to dv/dt — 250 V/µs minimum at 125°C
• High Commutating di/dt — 6.5 A/ms minimum at 125°C
• Industry Standard TO–220 AB Package
• High Surge Current Capability — 120 Amperes




Similar Part No. - MAC12M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12M ONSEMI-MAC12M Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12MG ONSEMI-MAC12MG Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
More results


Similar Description - MAC12M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC15D MOTOROLA-MAC15D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC15SD MOTOROLA-MAC15SD Datasheet
690Kb / 8P
TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
MAC16D MOTOROLA-MAC16D Datasheet
133Kb / 4P
TRIACS 15 AMPERES RMS 400 thru 800 VOLTS
MAC212-4 MOTOROLA-MAC212-4 Datasheet
70Kb / 4P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC212-4FP MOTOROLA-MAC212-4FP Datasheet
113Kb / 6P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
MAC8D MOTOROLA-MAC8D Datasheet
79Kb / 4P
TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
MAC8SD MOTOROLA-MAC8SD Datasheet
753Kb / 8P
TRIACS 8 AMPERES RMS 400 THRU 800 VOLTS
MAC9D MOTOROLA-MAC9D Datasheet
78Kb / 4P
TRIACS 8.0 AMPERES RMS 400 thru 800 VOLTS
logo
New Jersey Semi-Conduct...
MAC212 NJSEMI-MAC212 Datasheet
141Kb / 2P
TRIACs 12 AMPERES RMS 200 thru 800 VOLTS
MAC212FP NJSEMI-MAC212FP Datasheet
149Kb / 2P
ISOLATED TRIACs THYRISTORS 12 AMPERES RMS 200 thru 800 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com