Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB834 Datasheet (PDF) - Weitron Technology

2SB834 Datasheet PDF - Weitron Technology
Part # 2SB834
Download  2SB834 Download
File Size   199.71 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description PNP Silicon Epitaxial Power Transistor

2SB834 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB834 Datasheet PDF - Weitron Technology

Part # 2SB834
Download  2SB834 Click to download

File Size   199.71 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description PNP Silicon Epitaxial Power Transistor

2SB834 Datasheet (HTML) - Weitron Technology


2SB834 Product details

Features:

* DC Current Gain hFE = 60-200 @IC = 0.5A

* Low VCE(sat)≤ 1.0V(MAX) @IC = 3.0A, IB = 0.3A

* Complememtary to NPN 2SD880




Similar Part No. - 2SB834

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SB834 MOSPEC-2SB834 Datasheet
118Kb / 3P
POWER TRANSISTORS(3.0A,60V,30W)
logo
Wing Shing Computer Com...
2SB834 WINGS-2SB834 Datasheet
26Kb / 1P
PNP EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
TRANSYS Electronics Lim...
2SB834 TEL-2SB834 Datasheet
65Kb / 1P
Plastic-Encapsulated Transistors
logo
Savantic, Inc.
2SB834 SAVANTIC-2SB834 Datasheet
132Kb / 4P
Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SB834 JMNIC-2SB834 Datasheet
194Kb / 4P
Silicon PNP Power Transistors
More results


Similar Description - 2SB834

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CSB1370 CDIL-CSB1370 Datasheet
89Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CDB1370EF CDIL-CDB1370EF Datasheet
88Kb / 2P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CFB1370 CDIL-CFB1370 Datasheet
86Kb / 2P
PNP SILICON EPITAXIAL POWER TRANSISTOR
CSA1887 CDIL-CSA1887 Datasheet
125Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
logo
Thinki Semiconductor Co...
TIP42A THINKISEMI-TIP42A Datasheet
755Kb / 2P
PNP Silicon Epitaxial Power Transistor
2SA940 THINKISEMI-2SA940 Datasheet
530Kb / 3P
PNP Silicon Epitaxial Power Transistor
logo
Continental Device Indi...
MJE350 CDIL-MJE350 Datasheet
210Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1357 CDIL-CSA1357 Datasheet
81Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
CSA1156 CDIL-CSA1156 Datasheet
95Kb / 3P
PNP EPITAXIAL SILICON POWER TRANSISTOR
BD240C CDIL-BD240C Datasheet
137Kb / 3P
PNP SILICON EPITAXIAL POWER TRANSISTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com