Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CRG01 Datasheet (PDF) - Toshiba Semiconductor

CRG01 Datasheet PDF - Toshiba Semiconductor
Part # CRG01
Download  CRG01 Download
File Size   137.58 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)

CRG01 Datasheet (PDF)

Go To PDF Page Download Datasheet
CRG01 Datasheet PDF - Toshiba Semiconductor

Part # CRG01
Download  CRG01 Click to download

File Size   137.58 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)

CRG01 Datasheet (HTML) - Toshiba Semiconductor


CRG01 Product details

○ General Power Supply Rectification

• Repetitive peak reverse voltage : VRRM = 100 V, 400 V
• Average forward current : IF (AV) = 0.7 A
• Small, thin package suitable for high-density board assembly Toshiba Nickname: “S-FLATTM”




Similar Part No. - CRG01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRG01 TOSHIBA-CRG01 Datasheet
144Kb / 4P
DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
CRG01 TOSHIBA-CRG01 Datasheet
155Kb / 4P
General Purpose Rectifier Applications
logo
American Accurate Compo...
CRG01-1003FB AAC-CRG01-1003FB Datasheet
217Kb / 5P
THICK FILM CHIP RESISTORS
CRG01-1003FM AAC-CRG01-1003FM Datasheet
217Kb / 5P
THICK FILM CHIP RESISTORS
CRG01-1003FV AAC-CRG01-1003FV Datasheet
217Kb / 5P
THICK FILM CHIP RESISTORS
More results


Similar Description - CRG01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1S1829 TOSHIBA-1S1829 Datasheet
116Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1830 TOSHIBA-1S1830 Datasheet
134Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
1S1885A TOSHIBA-1S1885A Datasheet
131Kb / 2P
RECTIFIER (GENERAL PURPOSE RECTIFIER APPLICATIONS)
3BZ41 TOSHIBA-3BZ41 Datasheet
188Kb / 3P
RECTIFIER SILICON DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
3DZ41 TOSHIBA-3DZ41 Datasheet
169Kb / 3P
SILICON DIFFUSED TYPE (GENERAL PURPOSE RECTFIER APPLICATIONS)
1S2460 TOSHIBA-1S2460 Datasheet
93Kb / 2P
GENERAL PURPOSE RECTIFIER APPLICATIONS.
CRG01 TOSHIBA-CRG01_06 Datasheet
144Kb / 4P
DIFFUSED TYPE (GENERAL PURPOSE RECTIFIER APPLICATIONS)
CRG03 TOSHIBA-CRG03 Datasheet
165Kb / 4P
General Purpose Rectifier Applications
logo
SEMTECH ELECTRONICS LTD...
S5566B SEMTECH_ELEC-S5566B Datasheet
190Kb / 1P
SILICON DIFFUSED TYPE GENERAL PURPOSE RECTIFIER APPLICATIONS
logo
Toshiba Semiconductor
U2JC44 TOSHIBA-U2JC44 Datasheet
154Kb / 3P
GENERAL PURPOSE RECTIFIER APPLICATIONS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com